Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470GPZ Datasheet(PDF) 13 Page - Analog Devices

Part # OP470GPZ
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button OP470GPZ Datasheet HTML 8Page - Analog Devices OP470GPZ Datasheet HTML 9Page - Analog Devices OP470GPZ Datasheet HTML 10Page - Analog Devices OP470GPZ Datasheet HTML 11Page - Analog Devices OP470GPZ Datasheet HTML 12Page - Analog Devices OP470GPZ Datasheet HTML 13Page - Analog Devices OP470GPZ Datasheet HTML 14Page - Analog Devices OP470GPZ Datasheet HTML 15Page - Analog Devices OP470GPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
OP470
–13–
10
0%
100
90
Figure 14. Noise Density of Low Noise Amplifier, G = 1000
DIGITAL PANNING CONTROL
Figure 15 uses a DAC-8408, quad 8-bit DAC to pan a signal
between two channels. The complementary DAC current out-
puts two of the DAC-8408’s four DACs drive current-to-voltage
converters built from a single quad OP470. The amplifiers have
complementary outputs with the amplitudes dependent upon
the digital code applied to the DAC. Figure 16 shows the comple-
mentary outputs for a 1 kHz input signal and digital ramp applied
to the DAC data inputs. Distortion of the digital panning con-
trol is less than 0.01%.
10
0%
100
90
1ms
5V
5V
A OUT
A OUT
Figure 16. Digital Panning Control Output
Gain error due to the mismatching between the internal DAC
ladder resistors and the current-to-voltage feedback resistors is
eliminated by using feedback resistors internal to the DAC. Of
the four DACs available in the DAC-8408, only two DACs, A
and C, actually pass a signal. DACs B and D are used to pro-
vide the additional feedback resistors needed in the circuit. If
the VREFB and VREFD inputs remain unconnected, the
current-to-voltage converters using RFBB and RFBD are unaf-
fected by digital data reaching DACs B and D.
1/4
OP470E
+15V
–15V
1/4
OP470E
A OUT
20pF
A OUT
20pF
IOUT1A
DAC A
IOUT1B
DAC B
RFBA
IOUT2A/2B
RFBB
RFBC
1/4
OP470E
B OUT
20pF
DAC C
IOUT1C
1/4
OP470E
B OUT
20pF
IOUT1D
DAC D
RFBD
IOUT2C/2D
VREFA
DAC SELECT
1k
1k
5V
DGND
DS2
DS1
R/W
A/B
VREFC
VDD
DAC-8408GP
SIDE A IN
SIDE B IN
DAC DATA BUS
PINS 9 (LSB) – 16 (MSB)
5V
Figure 15. Digital Panning Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com