Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470GPZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP470GPZ
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GPZ Datasheet(HTML) 2 Page - Analog Devices

  OP470GPZ Datasheet HTML 1Page - Analog Devices OP470GPZ Datasheet HTML 2Page - Analog Devices OP470GPZ Datasheet HTML 3Page - Analog Devices OP470GPZ Datasheet HTML 4Page - Analog Devices OP470GPZ Datasheet HTML 5Page - Analog Devices OP470GPZ Datasheet HTML 6Page - Analog Devices OP470GPZ Datasheet HTML 7Page - Analog Devices OP470GPZ Datasheet HTML 8Page - Analog Devices OP470GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
OP470–SPECIFICATIONS
OP470A/E
OP470F
OP470G
Parameter
Symbol
Conditions
Min
Typ Max
Min Typ Max
Min Typ Max
Unit
INPUT OFFSET
VOLTAGE
VOS
0.1
0.4
0.2
0.8
0.4
1.0
mV
INPUT OFFSET
CURRENT
IOS
VCM = 0 V
3
10
6
20
12
30
nA
INPUT BIAS
CURRENT
IB
VCM = 0 V
6
25
15
50
25
60
nA
INPUT NOISE
VOLTAGE
enp-p
0.1 Hz to 10 Hz
80
200
80
200
80
200
nV p-p
(Note 1)
INPUT NOISE
fO = 10 Hz
3.8
6.5
3.8
6.5
3.8
6.5
Voltage Density
en
fO = 100 Hz
3.3
5.5
3.3
5.5
3.3
5.5
nV
÷Hz
fO = 1 kHz
3.2
5.0
3.2
5.0
3.2
5.0
(Note 2)
INPUT NOISE
fO = 10 Hz
1.7
1.7
1.7
Current Density
in
fO = 100 Hz
0.7
0.7
0 7
pA
÷Hz
fO = 1 kHz
0.4
0.4
0.4
LARGE-SIGNAL
V =
±10 V
Voltage Gain
AVO
RL = 10 k
W
1000 2300
800
1700
800
1700
V/mV
RL = 2 k
W
500
1200
400
900
400
900
INPUT VOLTAGE
RANGE
IVR
(Note 3)
±11 ±12
±11 ±12
±11 ±12
V
OUTPUT VOLTAGE
SWING
VO
RL
≥ 2 kW±12 ±13
±12 ±13
±12 ±13
V
COMMON-MODE
REJECTION
CMR
VCM =
±11 V
110
125
100
120
100
120
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V to ±18 V
0.56 1.8
1.0
5.6
1.0
5.6
mV/V
SLEW RATE
SR
1.4
2
1.4
2
1.4
2
V/
ms
SUPPLY CURRENT
(All Amplifiers)
ISY
No Load
9
119
119
11
mA
GAIN BANDWIDTH
PRODUCT
GBW
AV = 10
666
MHz
CHANNEL
SEPARATION
CS
VO = 20 V p-p
125
155
125
155
125
155
dB
fO = 10 Hz (Note 1)
INPUT
CAPACITANCE
CIN
222
pF
INPUT RESISTANCE
RIN
0.4
0.4
0.4
M
W
Differential-Mode
INPUT RESISTANCE
Common-Mode
RINCM
11
11
11
G
W
AV = 1
SETTLING TIME
tS
to 0.1%
5.5
5.5
5.5
ms
to 0.01 %
6.0
6.0
6.0
NOTES
1Guaranteed but not 100% tested
2Sample tested
3Guaranteed by CMR test
ELECTRICAL CHARACTERISTICS (at V
S =
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com