Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470GPZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP470GPZ
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GPZ Datasheet(HTML) 3 Page - Analog Devices

  OP470GPZ Datasheet HTML 1Page - Analog Devices OP470GPZ Datasheet HTML 2Page - Analog Devices OP470GPZ Datasheet HTML 3Page - Analog Devices OP470GPZ Datasheet HTML 4Page - Analog Devices OP470GPZ Datasheet HTML 5Page - Analog Devices OP470GPZ Datasheet HTML 6Page - Analog Devices OP470GPZ Datasheet HTML 7Page - Analog Devices OP470GPZ Datasheet HTML 8Page - Analog Devices OP470GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
OP470
OP470A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
0.14
0.6
mV
AVERAGE INPUT
Offset Voltage Drift
TCVOS
0.4
2
mV/∞C
INPUT OFFSET CURRENT
IOS
VCM = 0 V
5
20
nA
INPUT BIAS CURRENT
IB
VCM = 0 V
15
20
nA
LARGE-SIGNAL
VO =
±10 V
Voltage Gain
AVO
RL = 10 k
W
750
1600
V/mV
RL = 2 k
W
400
800
INPUT VOLTAGE RANGE*
IVR
±11
±12
V
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kW±12
±13
V
COMMON-MODE
REJECTION
CMR
VCM =
±11 V
100
120
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V to ±18 V
1.0
5.6
mV/V
SUPPLY CURRENT
(All Amplifiers)
ISY
No Load
—
9.2
11
mA
*Guaranteed by CMR test
(at VS =
15 V, –55 C
£ TA £ 125 C for OP470A, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP470E
OP470F
OP470G
Parameter
Symbol
Conditions
Min
Typ Max
Min Typ Max
Min Typ Max
Unit
INPUT OFFSET
VOLTAGE
VOS
0.12 0.5
0.24 1.0
0.5
1.5
mV
AVERAGE INPUT
Offset Voltage Drift
TCVOS
0.4
2
0.6
4
2
mV/∞C
INPUT OFFSET
CURRENT
IOS
VCM = 0 V
4
20
7
40
20
50
nA
INPUT BIAS
CURRENT
IB
VCM = 0 V
11
50
2070
4075
nA
LARGE-SIGNAL
VO =
±10 V
Voltage Gain
AVO
RL = 10 k
W
800
1800
600
1400
600
1500
V/mV
RL = 2 k
W
400
900
300
700
300
800
INPUT VOLTAGE
RANGE*
IVR
±11 ±12
±11 ±12
±11 ±12
V
OUTPUT VOLTAGE
SWING
VO
RL
≥ 2 kW±12 ±13
±12 ±13
±12 ±13
V
COMMON-MODE
REJECTION
CMR
VCM =
±11 V
100
120
90
115
90
110
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V to ±18 V
0.7
5.6
1.8
10
1.8
10
mV/V
SUPPLY CURRENT
(All Amplifiers)
ISY
No Load
—
9.2
11
—
9.2
11
—
9.3
11
mA
*Guaranteed by CMR test
(at VS =
15 V, –25 C
£ TA £ 85 C for OP470E/OP470EF, –40 C £ TA £ 85 C for OP470G,
unless otherwise noted.)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com