Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ100-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7376ARUZ100-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ100-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7376ARUZ100-R7 Datasheet HTML 2Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 3Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 4Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 5Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 6Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 7Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 8Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 9Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7376
Rev. D | Page 6 of 20
3-WIRE DIGITAL INTERFACE
Table 4. AD7376 Serial Data-Word Format1
MSB
LSB
D6
D5
D4
D3
D2
D1
D0
26
20
1
Data is loaded MSB first.
D6
D5
D4
D3
D2
D1
D0
1
SDI
0
1
CLK
0
1
CS
0
1
VOUT
0
RDAC REGISTER LOAD
Figure 2. AD7376 3-Wire Digital Interface Timing Diagram
(VA = VDD, VB = 0 V, VW = VOUT)
±1 LSB ERROR BAND
±1 LSB
tS
tCSW
tCSH
tCL
VDD
VOUT
0V
CS
0
1
tCSH0
tCSS
tCH
0
1
1
0
1
SDI
(DATA IN)
SDO
(DATA OUT)
CLK
DX
DX
tDS
tDH
D'X
D'X
tPD_MAX
tCS1
0
Figure 3. Detail Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com