Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ100-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7376ARUZ100-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ100-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7376ARUZ100-R7 Datasheet HTML 7Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 8Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 9Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 10Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 13Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 14Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7376
Rev. D | Page 11 of 20
0
–60
1k
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
(Hz)
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 18. 100 kΩ Gain vs. Frequency vs. Code
CH1 5V
CH2 5V
M2µs
A CH1
4.20V
2
1
T 50%
Figure 19. Midscale to Midscale − 1 Transition Glitch
80
0
100
1M
FREQUENCY (Hz)
1k
10k
100k
60
40
20
CODE = 40H, VA = VDD, VB = VSS
–PSRR @ VDD/VSS = ±15V
DC ± 10% p-p AC
+PSRR @ VDD/VSS = ±15V
DC ± 10% p-p AC
–PSRR @ VDD/VSS = ±5V
DC ± 10% p-p AC
+PSRR @ VDD/VSS = ±5V
DC ± 10% p-p AC
Figure 20. Power Supply Rejection vs. Frequency
0.1
0.0001
10
FREQUENCY (Hz)
100k
100
1k
10k
0.001
0.01
10kΩ
50kΩ
100kΩ
VDD/VSS = ±15V
CODE = MIDSCALE
VIN = 1Vrms
Figure 21. Total Harmonic Distortion Plus Noise vs. Frequency
1
0.001
0.001
AMPLITUDE (V)
10
0.01
0.1
1
0.01
0.1
VDD/VSS = ±15V
CODE = MIDSCALE
fIN = 1kHz
10kΩ
50kΩ
100kΩ
Figure 22. Total Harmonic Distortion Plus Noise vs. Amplitude
6
0
2
4
CODE (Decimal)
0128
16
32
48
64
80
96
112
1
3
5
VDD/VSS = 30V/0V
VA = VDD
VB = 0V
RAB = 50kΩ
RAB = 100kΩ
RAB = 10kΩ
Figure 23. Theoretical Maximum Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com