Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7376ARUZ100-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7376ARUZ100-R7
Description  128-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7376ARUZ100-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7376ARUZ100-R7 Datasheet HTML 6Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 7Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 8Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 9Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 10Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 11Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 12Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 13Page - Analog Devices AD7376ARUZ100-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7376
Rev. D | Page 10 of 20
–40
–20
0
20
40
60
80
100
120
120
100
80
60
40
20
0
TEMPERATURE (°C)
10kΩ
50kΩ
100kΩ
VDD/VSS = ±15V
Figure 12. Total Resistance vs. Temperature
350
0
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
300
250
200
150
100
50
RW @ VDD/VSS = ±15V
RW @ VDD/VSS = ±5V
Figure 13. Wiper Contact Resistance vs. Temperature
10kΩ
50kΩ
100kΩ
VDD/VSS = ±15V
120
–40
–20
0
20
40
60
80
100
CODE (Decimal)
0
128
16
32
48
64
80
96
112
Figure 14. (ΔRWB/RWB)/ΔT Rheostat Mode Tempco
VDD/VSS = ±15V
10kΩ
50kΩ
100kΩ
CODE (Decimal)
0
128
16
32
48
64
80
96
112
120
–40
–20
0
20
40
60
80
100
Figure 15. (ΔVWB/VWB)/ΔT Potentiometer Mode Tempco
0
–60
1k
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
(Hz)
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 16. 10 kΩ Gain vs. Frequency vs. Code
0
–60
1k
1M
10k
100k
–6
–12
–18
–24
–30
–36
–42
–48
–54
(Hz)
0x40
0x20
0x10
0x08
0x04
0x02
0x01
Figure 17. 50 kΩ Gain vs. Frequency vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com