Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6704 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 14Page - Analog Devices ADRF6704 Datasheet HTML 15Page - Analog Devices ADRF6704 Datasheet HTML 16Page - Analog Devices ADRF6704 Datasheet HTML 17Page - Analog Devices ADRF6704 Datasheet HTML 18Page - Analog Devices ADRF6704 Datasheet HTML 19Page - Analog Devices ADRF6704 Datasheet HTML 20Page - Analog Devices ADRF6704 Datasheet HTML 21Page - Analog Devices ADRF6704 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 18 of 36
DAC-TO-IQ MODULATOR INTERFACING
The ADRF6702 is designed to interface with minimal components
to members of the Analog Devices, Inc., family of TxDACs®. These
dual-channel differential current output DACs provide an output
current swing from 0 mA to 20 mA. The interface described in
this section can be used with any DAC that has a similar output.
An example of an interface using the AD9122 TxDAC is shown
in Figure 36. The baseband inputs of the ADRF6702 require
a dc bias of 500 mV. The average output current on each of the
outputs of the AD9122 is 10 mA. Therefore, a single 50 Ω resis-
tor to ground from each of the DAC outputs results in an average
current of 10 mA flowing through each of the resistors, thus
producing the desired 500 mV dc bias for the inputs to the
ADRF6702.
RBIP
50Ω
RBIN
50Ω
OUT1_N
OUT1_P
IP
IN
AD9122
ADRF6702
RBQN
50Ω
RBQP
50Ω
OUT2_P
OUT2_N
QP
QN
Figure 36. Interface Between the AD9122 and ADRF6702 with 50 Ω Resistors
to Ground to Establish the 500 mV DC Bias for the ADRF6702 Baseband Inputs
The AD9122 output currents have a swing that ranges from
0 mA to 20 mA. With the 50 Ω resistors in place, the ac voltage
swing going into the ADRF6702 baseband inputs ranges from
0 V to 1 V (with the DAC running at 0 dBFS). So the resulting
drive signal from each differential pair is 2 V p-p differential
with a 500 mV dc bias.
ADDING A SWING-LIMITING RESISTOR
The voltage swing for a given DAC output current can be
reduced by adding a third resistor to the interface. This resistor
is placed in the shunt across each differential pair, as shown in
Figure 37. It has the effect of reducing the ac swing without
changing the dc bias already established by the 50 Ω resistors.
RBIP
50Ω
RBIN
50Ω
IN
IP
AD9122
ADRF6702
RBQN
50Ω
RBQP
50Ω
RSL
(SEE TEXT)
RSL
(SEE TEXT)
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QP
QN
Figure 37. AC Voltage Swing Reduction Through the Introduction
of a Shunt Resistor Between the Differential Pair
The value of this ac voltage swing limiting resistor (RSL as shown
in Figure 37) is chosen based on the desired ac voltage swing
and IQ modulator output power. Figure 38 shows the relation-
ship between the swing-limiting resistor and the peak-to-peak
ac swing that it produces when 50 Ω bias-setting resistors are
used. A higher value of swing-limiting resistor will increase the
output power of the ADRF6702 and signal-to-noise ratio (SNR)
at the cost if higher intermodulation distortion. For most
applications, the optimum value for this resistor will be between
100 Ω and 300 Ω.
When setting the size of the swing-limiting resistor, the input
impedance of the I and Q inputs should be taken into account.
The I and Q inputs have a differential input resistance of 920 Ω.
As a result, the effective value of the swing-limiting resistance is
920 Ω in parallel with the chosen swing-limiting resistor. For
example, if a swing-limiting resistance of 200 Ω is desired
(based on Figure 37), the value of RSL should be set such that
200 Ω = (920 × RSL)/(920 + RSL)
resulting in a value for RSL of 255 Ω.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1000
10000
RSL (Ω)
Figure 38. Relationship Between the AC Swing-Limiting Resistor and the
Peak-to-Peak Voltage Swing with 50 Ω Bias-Setting Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com