Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6704 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6704 Datasheet HTML 1Page - Analog Devices ADRF6704 Datasheet HTML 2Page - Analog Devices ADRF6704 Datasheet HTML 3Page - Analog Devices ADRF6704 Datasheet HTML 4Page - Analog Devices ADRF6704 Datasheet HTML 5Page - Analog Devices ADRF6704 Datasheet HTML 6Page - Analog Devices ADRF6704 Datasheet HTML 7Page - Analog Devices ADRF6704 Datasheet HTML 8Page - Analog Devices ADRF6704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADRF6702
Rev. B | Page 3 of 36
SPECIFICATIONS
VS = 5 V; TA = 25°C; baseband I/Q amplitude = 1 V p-p differential sine waves in quadrature with a 500 mV dc bias; baseband I/Q
frequency (fBB) = 1 MHz; fPFD = 38.4 MHz; fREF = 153.6 MHz at +4 dBm Re:50 Ω (1 V p-p); 130 kHz loop filter, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING FREQUENCY RANGE
IQ modulator (±3 dB RF output range)
1200
2400
MHz
PLL LO range
1550
2150
MHz
RF OUTPUT = 1850 MHz
RFOUT pin
Nominal Output Power
Baseband VIQ = 1 V p-p differential
4
dBm
IQ Modulator Voltage Gain
RF output divided by baseband input voltage
0
dB
OP1dB
13.5
dBm
Carrier Feedthrough
−41.2
dBm
Sideband Suppression
−43.7
dBc
Quadrature Error
±1
Degrees
I/Q Amplitude Balance
0.02
dB
Second Harmonic
POUT − P (fLO ± (2 × fBB))
−62.2
dBc
Third Harmonic
POUT − P (fLO ± (3 × fBB))
−50.6
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone
56
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone
31
dBm
Noise Floor
I/Q inputs = 0 V differential with 500 mV dc bias, 20 MHz carrier offset
−158.9
dBm/Hz
RF OUTPUT = 1960 MHz
RFOUT pin
Nominal Output Power
Baseband VIQ = 1 V p-p differential
4.1
dBm
IQ Modulator Voltage Gain
RF output divided by baseband input voltage
0.1
dB
OP1dB
13.6
dBm
Carrier Feedthrough
−40.6
dBm
Sideband Suppression
−53.9
dBc
Quadrature Error
+0.7/−1.7
Degrees
I/Q Amplitude Balance
0.03
dB
Second Harmonic
POUT − P (fLO ± (2 × fBB))
−74.6
dBc
Third Harmonic
POUT − P (fLO ± (3 × fBB))
−54.1
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone
66.4
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone
30.1
dBm
Noise Floor
I/Q inputs = 0 V differential with 500 mV dc bias, 20 MHz carrier offset
−159.6
dBm/Hz
RF OUTPUT = 2140 MHz
RFOUT pin
Nominal Output Power
Baseband VIQ = 1 V p-p differential
3.8
dBm
IQ Modulator Voltage Gain
RF output divided by baseband input voltage
−0.2
dB
OP1dB
13.1
dBm
Carrier Feedthrough
−46.8
dBm
Sideband Suppression
−44.4
dBc
Quadrature Error
±1
Degrees
I/Q Amplitude Balance
0.02
dB
Second Harmonic
POUT − P (fLO ± (2 × fBB))
−71.8
dBc
Third Harmonic
POUT − P (fLO ± (3 × fBB))
−57.3
dBc
Output IP2
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone
70.4
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT ≈ −2 dBm per tone)
29.1
dBm
Noise Floor
I/Q inputs = 0 V differential with 500 mV dc bias, 20 MHz carrier offset
−158.1
dBm/Hz
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to the modulator output
Internal LO Range
1550
2150
MHz
Figure of Merit (FOM)1
−220.5
dBc/Hz/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com