Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6704 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6704
Description  1200 MHz to 2400 MHz Quadrature Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6704 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6704 Datasheet HTML 24Page - Analog Devices ADRF6704 Datasheet HTML 25Page - Analog Devices ADRF6704 Datasheet HTML 26Page - Analog Devices ADRF6704 Datasheet HTML 27Page - Analog Devices ADRF6704 Datasheet HTML 28Page - Analog Devices ADRF6704 Datasheet HTML 29Page - Analog Devices ADRF6704 Datasheet HTML 30Page - Analog Devices ADRF6704 Datasheet HTML 31Page - Analog Devices ADRF6704 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADRF6702
Data Sheet
Rev. B | Page 28 of 36
CHARACTERIZATION SETUPS
Figure 49 and Figure 50 show characterization bench setups
used to characterize the ADRF6702. The setup shown in
Figure 49 was used to do most of the testing. An automated
VEE program was used to control equipment over the IEEE
bus. The setup was used to measure SSB, OIP2, OIP3, OP1dB,
LO, and USB NULL.
For phase noise and reference spurs measurements, see the
phase noise setup on Figure 50. Phase noise was measured on
LO and modulator output.
PC CONTROL
CONNECTED TO SYSTEM VIA USB TO GPIB ADAPTER
AEROFLEX IFR 3416 FREQUENCY GENERATOR
(WITH BASEBAND OUTPUTS AT 1MHz)
34980A
WITH 34950 AND (×2) 34921 MODULES
ROHDE AND SCHWARTZ SMT 06 SIGNAL GENERATOR
(REFIN)
AGILENT E4440A PSA SPECTRUM ANALYZER
ADRF670x TEST RACK ASSEMBLY (INTERNAL VCO CONFIGURATION)
ALL INSTRUMENTS ARE CONNECTED IN DAISY CHAIN
FASHION VIA GBIP CABLE UNLESS OTHERWISE NOTED.
+5V FOR
VPOS TO 34950
MODULE
BASEBAND INPUTS AT 1MHz
9-PIN DSUB
CONNECTOR
(REGISTER
PROGRAMMING)
10-PIN CONNECTOR
DC HEADER
RF OUT
REF IN
E3631A POWER SUPPLY
(+6V ADJUSTED TO 5V)
KEITHLEY S46 SWITCH SYSTEM #1
(FOR RFOUT AND REFIN ON 6 SITES)
PROGRAMMING
AND DC CABLE
(×6 FOR MULTISITE)
OUTPUT (REF)
INPUT
(RFOUT)
KEITHLEY S46 SWITCH SYSTEM #2
(FOR BASEBAND INPUTS ON 6 SITES)
34401A DMM (FOR SUPPLY
CURRENT MEASUREMENT)
BASEBAND OUTPUTS
(IN, IP, QN, QP)
6dB
6dB
ADRF6702
EVAL BOARD
Figure 49. General Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com