Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-1.8-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3338AKCZ-1.8-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-1.8-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP3338AKCZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3338
Rev. B | Page 3 of 16
SPECIFICATIONS
VIN = 6.0 V, CIN = COUT = 1 µF, TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter1, ,
2 3
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy
VOUT
VIN = VOUTNOM + 0.4 V to 8 V, IL = 0.1 mA to 1 A, TJ = 25°C
−0.8
+0.8
%
VIN = VOUTNOM + 0.4 V to 8 V, IL = 0.1 mA to 1 A, TJ = −40°C to +125°C
−1.4
+1.4
%
VIN = VOUTNOM + 0.4 V to 8 V, IL = 50 mA to 1 A, TJ = 150°C
−1.6
+1.6
%
Line Regulation
VIN = VOUTNOM + 0.4 V to 8 V, TJ = 25°C
0.04
mV/V
Load Regulation
IL = 0.1 mA to 1 A, TJ = 25°C
0.006
mV/mA
Dropout Voltage
VDROP
VOUT = 98% of VOUTNOM
IL = 1 A
190
400
mV
IL = 500 mA
125
200
mV
IL = 100 mA
70
150
mV
Peak Load Current
ILDPK
VIN = VOUTNOM + 1 V
1.6
A
Output Noise
VNOISE
f = 10 Hz to 100 kHz, CL = 10 µF, IL = 1 A
95
µV rms
GROUND CURRENT
In Regulation
IGND
IL = 1 A
9
30
mA
IL = 500 mA
4.5
15
mA
IL = 100 mA
0.9
3
mA
IL = 0.1 mA
110
190
µA
In Dropout
IGND
VIN = VOUTNOM – 100 mV, IL = 0.1 mA
190
600
µA
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.
2 Application stable with no load.
3 VIN = 2.7 V for models with VOUTNOM ≤ 2.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com