Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-1.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3338AKCZ-1.8-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-1.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP3338AKCZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP3338
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN
3
OUT
2
2
GND
1
OUT
ADP3338
TOP VIEW
(Not to Scale)
NOTE: PIN 2 AND TAB ARE INTERNALLY CONNECTED
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
OUT
Regulator Output. Bypass to ground with a 1 µF or larger capacitor.
3
IN
Regulator Input. Bypass to ground with a 1 µF or larger capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com