Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3338AKCZ-1.8-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3338AKCZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3338
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
IL = 0A
INPUT VOLTAGE (V)
2.515
2.510
2.490
2.5
4.5
6.5
8.0
2.505
2.500
2.495
IL = 1A
VOUT = 2.5V
IL = 0.5A
Figure 4. Line Regulation Output Voltage vs. Input Voltage
2.504
2.503
2.499
2.502
2.501
2.500
2.498
2.497
2.496
2.495
LOAD CURRENT (A)
0
0.8
1.0
0.6
0.4
0.2
VIN = 6V
Figure 5. Output Voltage vs. Load Current
INPUT VOLTAGE (V)
0
0
48
50
100
150
200
250
300
VOUT = 2.5V
ILOAD = 0A
26
Figure 6. Ground Current vs. Supply Voltage
OUTPUT LOAD (A)
0
0
0.2
0.4
0.6
0.8
VOUT = 2.5V
VIN = 6V
1.0
2
4
6
8
10
12
Figure 7. Ground Current vs. Load Current
IL = 0A
IL = 0.5A
IL = 1A
VOUT = 2.5V
VIN = 6V
IL = 0.3A
IL = 0.7A
JUNCTION TEMPERATURE (
°C)
–0.05
–40
–20
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
Figure 8. Output Voltage Variation % vs. Junction Temperature
JUNCTION TEMPERATURE (
°C)
0
–40
4
ILOAD = 700mA
ILOAD = 500mA
ILOAD = 300mA
ILOAD = 1A
–20
0
20
40
60
80
100
120
140
160
6
8
10
12
14
16
18
2
Figure 9. Ground Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com