Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3338AKCZ-5-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3338AKCZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP3338
Rev. B | Page 8 of 16
VIN = 6V
400m
SHORT
FULL SHORT
0
0.4
TIME (s)
0.6
0.8
1.0
0.5
0
2.5
1.0
1.5
Figure 16. Short-Circuit Current
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
VOUT = 2.5V
CL = 10µF
IL = 1A
–80
–70
–60
–50
–40
–30
–20
–10
–90
–100
0
CL = 1µF
IL = 1A
CL = 10µF
IL = 0
CL = 1µF
IL = 0
Figure 17. Power Supply Ripple Rejection
CL (µF)
250
200
0
010
50
20
30
40
150
100
50
300
IL = 1A
IL = 0A
Figure 18. RMS Noise vs. CL
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
CL = 1µF
0.001
0.01
0.1
1
10
100
CL = 10µF
Figure 19. Output Noise Density (10 Hz to 100 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com