Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-5-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3338AKCZ-5-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-5-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3338AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 13Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 15Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3338
Rev. B | Page 12 of 16
OUTLINE DIMENSIONS
SEATING
PLANE
4.60 BSC
10° MAX
16°
10°
16°
10°
3
2
1
2.30
BSC
0.84
0.76
0.66
6.50 BSC
1.70
1.60
1.50
1.05
0.85
0.10
0.02
1.30
1.10
0.35
0.30
0.23
3.10
3.00
2.90
3.70
3.50
3.30
7.30
7.00
6.70
COMPLIANT TO JEDEC STANDARDS TO-261-AA
Figure 23. 3-Lead Small Outline Transistor Package [SOT-223]
(KC-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com