Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3338AKCZ-5-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3338AKCZ-5-R7
Description  High Accuracy, Ultralow I Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3338AKCZ-5-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3338AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 13Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 14Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 15Page - Analog Devices ADP3338AKCZ-5-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP3338
Rev. B | Page 13 of 16
ORDERING GUIDE
Model
Temperature Range
Output Voltage (V)
Package Option
Package Description
ADP3338AKC-1.5-RL
–40°C to +85°C
1.5
KC-3
3-Lead SOT-223
ADP3338AKC-1.5-RL7
–40°C to +85°C
1.5
KC-3
3-Lead SOT-223
ADP3338AKCZ-1.5-RL1
–40°C to +85°C
1.5
KC-3
3-Lead SOT-223
ADP3338AKCZ-1.5-RL71
–40°C to +85°C
1.5
KC-3
3-Lead SOT-223
ADP3338AKC-1.8-RL
–40°C to +85°C
1.8
KC-3
3-Lead SOT-223
ADP3338AKC-1.8-RL7
–40°C to +85°C
1.8
KC-3
3-Lead SOT-223
ADP3338AKCZ-1.8-RL1
–40°C to +85°C
1.8
KC-3
3-Lead SOT-223
ADP3338AKCZ-1.8-R71
–40°C to +85°C
1.8
KC-3
3-Lead SOT-223
ADP3338AKC-2.5-RL
–40°C to +85°C
2.5
KC-3
3-Lead SOT-223
ADP3338AKC-2.5-RL7
–40°C to +85°C
2.5
KC-3
3-Lead SOT-223
ADP3338AKCZ-2.5-RL1
–40°C to +85°C
2.5
KC-3
3-Lead SOT-223
ADP3338AKCZ-2.5RL71
–40°C to +85°C
2.5
KC-3
3-Lead SOT-223
ADP3338AKC-2.85-RL
–40°C to +85°C
2.85
KC-3
3-Lead SOT-223
ADP3338AKC-2.85-RL7
–40°C to +85°C
2.85
KC-3
3-Lead SOT-223
ADP3338AKCZ-2.85R71
–40°C to +85°C
2.85
KC-3
3-Lead SOT-223
ADP3338AKC-3-RL
–40°C to +85°C
3.0
KC-3
3-Lead SOT-223
ADP3338AKC-3-RL7
–40°C to +85°C
3.0
KC-3
3-Lead SOT-223
ADP3338AKCZ-3-RL71
–40°C to +85°C
3.0
KC-3
3-Lead SOT-223
ADP3338AKC-3.3-RL
–40°C to +85°C
3.3
KC-3
3-Lead SOT-223
ADP3338AKC-3.3-RL7
–40°C to +85°C
3.3
KC-3
3-Lead SOT-223
ADP3338AKCZ-3.3-RL1
–40°C to +85°C
3.3
KC-3
3-Lead SOT-223
ADP3338AKCZ-3.3RL71
–40°C to +85°C
3.3
KC-3
3-Lead SOT-223
ADP3338AKC-5-REEL
–40°C to +85°C
5
KC-3
3-Lead SOT-223
ADP3338AKC-5-REEL7
–40°C to +85°C
5
KC-3
3-Lead SOT-223
ADP3338AKCZ-5-REEL1
–40°C to +85°C
5
KC-3
3-Lead SOT-223
ADP3338AKCZ-5-R71
–40°C to +85°C
5
KC-3
3-Lead SOT-223
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com