Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV521 Datasheet HTML 3Page - STMicroelectronics TSV521 Datasheet HTML 4Page - STMicroelectronics TSV521 Datasheet HTML 5Page - STMicroelectronics TSV521 Datasheet HTML 6Page - STMicroelectronics TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics TSV521 Datasheet HTML 10Page - STMicroelectronics TSV521 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
Electrical characteristics
Doc ID 022743 Rev 1
7/27
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
0.64
1
MHz
Fu
Unity gain frequency
RL =10kΩ, CL = 100 pF
900
kHz
Φm
Phase margin
RL =10kΩ, CL = 100 pF
55
degrees
Gm
Gain margin
RL =10kΩ, CL = 100 pF
7
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF,
Vout = 0.5 V to VCC -0.5 V
0.75
V/
μs
en
Equivalent input noise
voltage
f = 1 kHz
f = 10 kHz
60
42
THD+N
Total harmonic distortion +
noise
Follower configuration, fin = 1 kHz,
RL = 100 kΩ, Vicm = VCC/2,
BW = 22 kHz, Vout = 1 Vpp
0.003
%
Table 5.
Electrical characteristics at VCC+ = +3.3 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL =10kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 6.
Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C,
and RL =10kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV52xA, T = 25 °C
600
µV
TSV52xA, -40 °C < T < 125 °C
2400
µV
TSV52x, T = 25 °C
1
mV
TSV52x, -40 °C < T < 125 °C
2.8
mV
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C(1)
318
µV/°C
ΔVio
Long term input offset
voltage drift
T = 25 °C(2)
0.7
Iio
Input offset current
(Vout =VCC/2)
T = 25 °C
1
10(3)
pA
-40 °C < T < 125 °C
1
100(3)
pA
Iib
Input bias current
(Vout =VCC/2)
T = 25 °C
1
10(3)
pA
-40 °C < T < 125 °C
1
100(3)
pA
CMR1
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
Vic = -0.1 V to VCC +0.1 V,
Vout = VCC/2, RL =1MΩ
T = 25 °C
54
76
dB
-40 °C < T < 125 °C
50
CMR2
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
Vic = 1 V to VCC -1 V,
Vout =VCC/2, RL =1MΩ
T = 25 °C
63
84
dB
-40 °C < T < 125 °C
58
μV
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com