Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV521 Datasheet HTML 1Page - STMicroelectronics TSV521 Datasheet HTML 2Page - STMicroelectronics TSV521 Datasheet HTML 3Page - STMicroelectronics TSV521 Datasheet HTML 4Page - STMicroelectronics TSV521 Datasheet HTML 5Page - STMicroelectronics TSV521 Datasheet HTML 6Page - STMicroelectronics TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
Electrical characteristics
Doc ID 022743 Rev 1
5/27
3
Electrical characteristics
Table 4.
Electrical characteristics at VCC+ = +2.7 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL =10kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV52xA, T = 25 °C
800
µV
TSV52xA, -40 °C < T < 125 °C
2600
µV
TSV52x, T = 25 °C
1.5
mV
TSV52x, -40 °C < T < 125 °C
3.3
mV
ΔVio/ΔT Input offset voltage drift
-40 °C < T < 125 °C(1)
318
µV/°C
Iio
Input offset current
(Vout =VCC/2)
T = 25 °C
1
10(3)
pA
-40° C < T < 125 °C
1
100(3)
pA
Iib
Input bias current
(Vout =VCC/2)
T = 25 °C
1
10(3)
pA
-40 °C < T < 125 °C
1
100(3)
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
Vic = -0.1 V to VCC+0.1V,
Vout = VCC/2, RL =1MΩ
T = 25 °C
50
72
dB
-40 °C < T < 125 °C
46
Avd
Large signal voltage gain
Vout = 0.5 V to (VCC -0.5V),
RL =1 MΩ
T = 25 °C
90
105
dB
-40 °C < T < 125 °C
60
VOH
High level output voltage
T = 25 °C
-40 °C < T < 125 °C
335
50
mV
VOL
Low level output voltage
T = 25 °C
-40 °C < T < 125 °C
635
50
mV
Iout
Isink
Vout = VCC, T = 25 °C
12
22
mA
Vout = VCC, -40 °C < T < 125 °C
8
Isource
Vout = 0 V, T = 25 °C
12
18
mA
Vout = 0 V, -40 °C < T < 125 °C
8
ICC
Supply current (per channel)
Vout =VCC/2, RL >1 MΩ
T = 25 °C
30
51
µA
-40 °C < T < 125 °C
30
51
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
0.62
1
MHz
Fu
Unity gain frequency
RL =10kΩ, CL = 100 pF
900
kHz
Φm
Phase margin
RL =10kΩ, CL = 100 pF
55
degrees
Gm
Gain margin
RL =10kΩ, CL = 100 pF
7
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF,
Vout = 0.5 V to VCC -0.5 V
0.74
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com