Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV521
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV521 Datasheet HTML 4Page - STMicroelectronics TSV521 Datasheet HTML 5Page - STMicroelectronics TSV521 Datasheet HTML 6Page - STMicroelectronics TSV521 Datasheet HTML 7Page - STMicroelectronics TSV521 Datasheet HTML 8Page - STMicroelectronics TSV521 Datasheet HTML 9Page - STMicroelectronics TSV521 Datasheet HTML 10Page - STMicroelectronics TSV521 Datasheet HTML 11Page - STMicroelectronics TSV521 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
8/27
Doc ID 022743 Rev 1
SVR
Supply voltage rejection
ratio 20 log (
ΔVCC/ΔVio)
VCC = 2.7 V to 5.5 V,
Vout =VCC/2
T = 25 °C
65
87
dB
-40 °C < T < 125 °C
60
Avd
Large signal voltage gain
Vout = 0.5 V to (VCC - 0.5 V),
RL =1 MΩ
T = 25 °C
94
109
dB
-40 °C < T < 125 °C
68
VOH
High level output voltage
T = 25 °C
-40 °C < T < 125 °C
535
50
mV
VOL
Low level output voltage
T = 25 °C
-40 °C < T < 125 °C
935
50
mV
Iout
Isink
Vout = VCC, T = 25 °C
36
55
mA
Vout = VCC, -40 °C < T < 125 °C
27
Isource
Vout = 0 V, T = 25 °C
36
55
mA
Vout = 0 V, -40 °C < T < 125 °C
27
ICC
Supply current (per channel)
Vout =VCC/2, RL >1 MΩ
T = 25 °C
45
60
µA
-40 °C < T < 125 °C
45
60
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
0.73
1.15
MHz
Fu
Unity gain frequency
RL =10kΩ, CL = 100 pF
900
kHz
Φm
Phase margin
RL =10kΩ, CL = 100 pF
55
degrees
Gm
Gain margin
RL =10kΩ, CL = 100 pF
7
dB
SR
Slew rate
RL =10kΩ, CL = 100 pF,
Vout = 0.5 V to VCC -0.5V
0.89
V/
μs
∫ e
n
Low-frequency peak-to-
peak input noise
Bandwidth: f = 0.1 to 10 Hz
14
µV
pp
en
Equivalent input noise
voltage
f = 1 kHz
f = 10 kHz
57
39
THD+N
Total harmonic distortion +
noise
Follower configuration, fin = 1 kHz,
RL = 100 kΩ, Vicm = VCC/2,
BW = 22 kHz, Vout = 1 Vpp
0.002
%
1.
See Section 4.6: Input offset voltage drift over temperature on page 15.
2.
Typical value is based on the Vio drift observed after 1000 h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration.
3.
Guaranteed by design.
Table 6.
Electrical characteristics at VCC+ = +5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C,
and RL =10kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com