Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SP Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNQ660SP
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNQ660SP Datasheet HTML 3Page - STMicroelectronics VNQ660SP Datasheet HTML 4Page - STMicroelectronics VNQ660SP Datasheet HTML 5Page - STMicroelectronics VNQ660SP Datasheet HTML 6Page - STMicroelectronics VNQ660SP Datasheet HTML 7Page - STMicroelectronics VNQ660SP Datasheet HTML 8Page - STMicroelectronics VNQ660SP Datasheet HTML 9Page - STMicroelectronics VNQ660SP Datasheet HTML 10Page - STMicroelectronics VNQ660SP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VNQ660SP
Electrical specifications
7/26
2.3
Electrical characteristics
Values specified in this section are for 6V < VCC < 24V; -40°C < Tj < 150°C, unless
otherwise stated.
Figure 3.
Current and voltage conventions
Note:
VFn = VCCn - VOUTn during reverse battery condition.
IS
IGND
VCC
GND
INPUT 4
INPUT 3
IOUT2
IIN3
IIN4
VIN4
VIN3
VCC
VOUT2
IOUT1
VOUT1
INPUT 1
IIN1
INPUT 2
IIN2
VIN1
VIN2
ISTAT
STATUS
VSTAT
OUTPUT 4
OUTPUT 3
IOUT3
IOUT4
VOUT4
VOUT3
OUTPUT 1
OUTPUT 2
VF1 (*)
Table 5.
Power
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VCC
(1)
Operating supply
voltage
613
36
V
VUSD
(1)
Undervoltage shutdown
3.5
4.6
6
V
VUVhyst
(1) Undervoltage
hysteresis
0.2
1
V
VOV
(1)
Overvoltage shutdown
36
V
VOVhyst
(1) Overvoltage hysteresis
0.25
V
RON
On state resistance
IOUT = 1A; Tj = 25°C
9V < VCC < 18V
IOUT = 1A;Tj = 150°C
9V < VCC < 18V
IOUT = 1A; VCC = 6V
40
85
50
100
130
m
Ω
m
Ω
m
Ω
IS
(1)
Supply current
Off State; VCC = 13.5V;
VIN = VOUT = 0V
Off State; VCC = 13.5V;
VIN = VOUT = 0V;
Tj = 25°C
On State; VCC = 13V; VIN = 3.25V;
9V < VCC < 18V
12
12
6
40
25
12
µA
µA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com