Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNQ660SP
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNQ660SP Datasheet HTML 7Page - STMicroelectronics VNQ660SP Datasheet HTML 8Page - STMicroelectronics VNQ660SP Datasheet HTML 9Page - STMicroelectronics VNQ660SP Datasheet HTML 10Page - STMicroelectronics VNQ660SP Datasheet HTML 11Page - STMicroelectronics VNQ660SP Datasheet HTML 12Page - STMicroelectronics VNQ660SP Datasheet HTML 13Page - STMicroelectronics VNQ660SP Datasheet HTML 14Page - STMicroelectronics VNQ660SP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VNQ660SP
Electrical specifications
11/26
Table 12.
Electrical transient requirements
ISO T/R
7637/1
Test pulse
Test level
I
II
III
IV
Delays and impedance
1
- 25V
- 50V
- 75V
- 100V
2ms, 10
Ω
2
+ 25V
+ 50V
+ 75V
+ 100V
0.2ms, 10
Ω
3a
- 25V
- 50V
- 100V
- 150V
0.1µs, 50
Ω
3b
+ 25V
+ 50V
+ 75V
+ 100V
0.1µs, 50
Ω
4
- 4V
- 5V
- 6V
- 7V
100ms, 0.01
Ω
5
+ 26.5V
+ 46.5V
+ 66.5V
+ 86.5V
400ms, 2
Ω
ISO T/R
7637/1
Test pulse
Test level
III
III
IV
1C
C
C
C
2C
C
C
C
3a
C
C
C
C
3b
C
C
C
C
4C
C
C
C
5C
E
E
E
Class
Contents
C
All functions of the device are performed as designed after exposure to
disturbance.
E
One or more functions of the device is not performed as designed after exposure
and cannot be returned to proper operation without replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com