Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ660SP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNQ660SP
Description  Quad channel high side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ660SP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ660SP Datasheet HTML 6Page - STMicroelectronics VNQ660SP Datasheet HTML 7Page - STMicroelectronics VNQ660SP Datasheet HTML 8Page - STMicroelectronics VNQ660SP Datasheet HTML 9Page - STMicroelectronics VNQ660SP Datasheet HTML 10Page - STMicroelectronics VNQ660SP Datasheet HTML 11Page - STMicroelectronics VNQ660SP Datasheet HTML 12Page - STMicroelectronics VNQ660SP Datasheet HTML 13Page - STMicroelectronics VNQ660SP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical specifications
VNQ660SP
10/26
Figure 5.
Switching characteristics
Table 11.
Truth table
Conditions
Input
Output
Status
Normal operation
L
H
L
H
H
H
Current limitation
L
H
H
L
X
X
H
(TJ < TTSD) H
(TJ > TTSD) L
Overtemperature
L
H
L
L
H
L
Undervoltage
L
H
L
L
X
X
Overvoltage
L
H
L
L
H
H
Output voltage > VOL
L
H
H
H
L
H
Output current < IOL
L
H
L
H
H
L
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
ISENSE
t
t
90%
td(off)
INPUT
t
90%
td(on)
tDSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com