Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-701ASDZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701ASDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Table 7. Two-Wire Interface Electrical Characteristics
Parameter
Symbol
Min.
Max.
Unit
Conditions
Host Vcc Range
VccHTWI
3.135
3.465
V
SCL and SDA
VOL
0.0
0.40
V
Rp[1] pulled to VccHTWI,
VOH
VccHTWI - 0.5
VccHTWI + 0.3
V
measured at host side of
connector
SCL and SDA
VIL
-0.3
VccT*0.3
V
VIH
VccT*0.7
VccT + 0.5
V
Input Current on the
Il
-10
10
μA
SCL and SDA Contacts
Capacitance on SCL
Ci[2]
14
pF
and SDA Contacts
Total bus capacitance
Cb[3]
100
pF
At 400 kHz, 3.0 kΩ Rp, max
for SCL and for SDA
At 100 kHz, 8.0 kΩ Rp, max
290
pF
At 400 kHz, 1.1 kΩRp, max
At 100 kHz, 2.75 kΩ Rp, max
Notes:
1. Rp is the pull up resistor. Active bus termination may be used by the host in place of a pullup resistor. Pull ups can be connected to various
power supplies, however the host board design shall ensure that no module contact has voltage exceeding VccT or VccR by 0.5 V nor requires
the module to sink more than 3.0 mA current.
2. Ci is the capacitance looking into the module SCL and SDA contacts
3. Cb is the total bus capacitance on the SCL or SDA bus.
Figure 4a. Receiver Electrical Optical Eye Mask Definition
Figure 4b. Transmitter Optical Eye Mask Definition
150
0
-150
-425
0
0.35
1.0
0.65
NORMALIZED TIME (UNIT INTERVAL)
425
1.0
0.75
0.73
0.5
0.28
0.25
0
-0.40
0
0.25 0.40 0.45
1
0.55 0.60 0.75
NORMALIZED TIME (UNIT INTERVAL)
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com