Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-701ASDZ Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701ASDZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Table 11. Transceiver Digital Diagnostic Monitor (Real Time Sense) Characteristics
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Parameter
Symbol
Min.
Units
Notes
Transceiver Internal Temperature
TINT
±3.0
°C
Temperature is measured internal to the transceiver.
Valid from = -10°C to 85°C case temperature.
Transceiver Internal Supply
VINT
±0.1
V
Supply voltage is measured internal to the transceiver
Voltage
and can, with less accuracy, be correlated to
voltage at the VccT contact. Valid over 3.3 V ± 10%.
Transmitter Laser DC Bias Current
IINT
±10
%
IINT accuracy is better than ±10% of the nominal value.
Transmitted Average Optical
PT
±3.0
dB
Average Power coupled into 9/125 μm single-mode
Output Power
fiber. Valid from151 μW to 1120 μW.
Received Average Optical Input
PR
±3.0
dB
Average Power coupled from 9/125 μm single-mode
Power
fiber. Valid from 25 μW to 1120 μW.
Figure 5. Transceiver timing diagrams (module installed and power applied except where noted)
TX_FAULT
VCCT, VCCR > 2.97 V
t_init
TX_DISABLE
TRANSMITTED SIGNAL
t_init
TX_FAULT
VCCT, VCCR > 2.97 V
TX_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED
t-init: TX DISABLE ASSERTED
TX_FAULT
VCCT, VCCR > 2.97 V
t_init
TX_DISABLE
TRANSMITTED SIGNAL
t_off
TX_FAULT
TX_DISABLE
TRANSMITTED SIGNAL
t-init: TX DISABLE NEGATED, MODULE HOT PLUGGED
t-off & t-on: TX DISABLE ASSERTED THEN NEGATED
INSERTION
t_on
TX_FAULT
OCCURANCE OF FAULT
t_fault
TX_DISABLE
TRANSMITTED SIGNAL
TX_FAULT
OCCURANCE OF FAULT
TX_DISABLE
TRANSMITTED SIGNAL
t-fault: TX FAULT OCCURED
t-reset: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL RECOVERED
t_reset
t_init*
* SFP SHALL CLEAR TX_FAULT IN
< t_init IF THE FAILURE IS TRANSIENT
TX_FAULT
OCCURANCE OF FAULT
t_fault
TX_DISABLE
TRANSMITTED SIGNAL
OPTICAL SIGNAL
LOS
t-fault: TX DISABLE ASSERTED THEN NEGATED, TX SIGNAL NOT RECOVERED
t-los-on & t-los-off
t_loss_on
t_init*
t_reset
* SFP SHALL CLEAR TX_FAULT IN
< t_init IF THE FAILURE IS TRANSIENT
t_loss_off
OCCURANCE
OF LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com