Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-701ASDZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701ASDZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-701ASDZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701ASDZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Figure 1. Transceiver functional diagram
Transmit Fault (TX_FAULT)
A catastrophic laser fault will activate the transmitter
signal, TX_FAULT, and disable the laser. This signal is
an open collector output (pull-up required on the host
board). A low signal indicates normal laser operation and
a high signal indicates a fault. A fault is defined as laser
power below or above the specified IEEE 802.3ae speci-
fied min/max range. The TX_FAULT will be latched high
when a laser fault occurs and is cleared by toggling the
TX_DISABLE input or power cycling the transceiver. The
transmitter fault condition can also be monitored via the
two-wire serial interface (address A2, byte 110, bit 2).
LIGHT FROM FIBER
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD– (RECEIVE DATA)
RX_LOS
DFB
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
TX_DISABLE
TD+ (TRANSMIT DATA)
TD– (TRANSMIT DATA)
TX_FAULT
ELECTRICAL INTERFACE
SDA
SCL
MOD-ABS
CONTROLLER & MEMORY
OPTICAL INTERFACE
RS0
RS1
Transmitter Section
The transmitter section includes the Transmitter Opti-
cal Sub-Assembly (TOSA) and laser driver circuitry. The
TOSA, containing an Avago designed and manufactured
1310 nm DFB light source, is located at the optical inter-
face and mates with the LC optical connector. The TOSA
is driven by an IC which uses the incoming differential
high speed logic signal to modulate the laser diode driv-
er current. This Tx laser driver circuit regulates the optical
power at a level within the specified range.
Transmit Disable (TX_DISABLE)
The AFCT-701ASDZ accepts an LVTTL compatible trans-
mit disable control signal input which shuts down the
transmitter optical output. A high signal implements this
function while a low signal allows normal transceiver op-
eration. In the event of a fault (e.g. eye safety circuit ac-
tivated), cycling this control signal resets the module as
depicted in Figure 5. An internal pull up resistor disables
the transceiver transmitter until the host pulls the input
low. TX_DISABLE can also be asserted via the two-wire
interface (address A2h, byte 110, bit 6) and monitored
(address A2h, byte 110, bit 7).
The contents of A2h, byte 110, bit 6 are logic OR’d with
hardware TX_DISABLE (contact 3) to control transmitter
operation. The normal behavior of this feature is to reset
a TX disabled transceiver to TX enabled when it is power
cycled or hot-plugged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com