Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCP53
Description  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 Datasheet(HTML) 2 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCP53 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−100
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−80
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = −100 mAdc, RBE = 1.0 kW)
V(BR)CER
−100
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
− 5.0
−
−
Vdc
Collector−Base Cutoff Current
(VCB = − 30 Vdc, IE = 0)
ICBO
−
−
−100
nAdc
Emitter−Base Cutoff Current
(VEB = − 5.0 Vdc, IC = 0)
IEBO
−
−
−10
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = − 5.0 mAdc, VCE = − 2.0 Vdc)
All Part Types
(IC = −150 mAdc, VCE = − 2.0 Vdc)
BCP53, SBCP53
BCP53−10, SBCP53−10
BCP53−16, SBCP53−16
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
All Part Types
hFE
25
40
63
100
25
−
−
−
−
−
−
250
160
250
−
−
Collector−Emitter Saturation Voltage
(IC = − 500 mAdc, IB = − 50 mAdc)
VCE(sat)
−
−
− 0.5
Vdc
Base−Emitter On Voltage
(IC = − 500 mAdc, VCE = − 2.0 Vdc)
VBE(on)
−
−
−1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = − 5.0 Vdc, f = 35 MHz)
fT
−
50
−
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com