Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BCP53
Description  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 Datasheet(HTML) 4 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP53 Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. BCP53, −10 Base Emitter Turn−On
Voltage vs. Collector Current VBE(on)
Figure 8. BCP53−16 Base Emitter Turn−On
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.9
1.1
1.2
10
1
0.1
0.01
0.001
0.2
0.5
0.6
0.7
0.8
0.9
1.0
1.2
Figure 9. BCP53, −10, −16 Saturation Region
Figure 10. Input Capacitance
Ib, BASE CURRENT (A)
VOLTAGE (V)
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
5
4
3
2
1
0
40
50
60
70
80
90
100
110
Figure 11. Output Capacitance
Figure 12. Standard Operating Area
VOLTAGE (V)
Vce, COLLECTOR EMITTER VOLTAGE (V)
20
14
10
8
6
4
2
0
0
5
10
15
20
25
100
10
1
0.1
0.01
0.1
1
10
0.8
1.0
1.1
Vce = 2 V
BCP53, −10
+150
°C
+25
°C
−55
°C
Vce = 2 V
BCP53 −16
+150
°C
+25
°C
−55
°C
0.7
0.8
0.9
BCP53, −10, −16
IC = 100 mA
IC = 500 mA
IC = 1.5 A
IC = 1.0 A
BCP53−10
BCP53
BCP53−16
12
16
18
BCP53−10
BCP53
BCP53−16
SINGLE PULSE TEST AT Tamb = 25°C
CONTINUOUS THERMAL LIMIT
100 ms 10 ms
1 ms
1 s
0.4
0.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com