Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCP53
Description  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53 Datasheet(HTML) 3 Page - ON Semiconductor

  BCP53 Datasheet HTML 1Page - ON Semiconductor BCP53 Datasheet HTML 2Page - ON Semiconductor BCP53 Datasheet HTML 3Page - ON Semiconductor BCP53 Datasheet HTML 4Page - ON Semiconductor BCP53 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP53 Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. DC Current Gain vs. Collector
Current (BCP53)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.2
0.6
0.8
1.0
1.4
1.8
2.0
Figure 3. DC Current Gain vs. Collector
Current (BCP53−10)
Figure 4. DC Current Gain vs. Collector
Current (BCP53−16)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 5. BCP53, −10 Base Emitter Saturation
Voltage vs. Collector Current
Figure 6. BCP53−16 Base Emitter Saturation
Voltage vs. Collector Current
IC, COLLECTOR CURRENT (A)
0.4
1.2
1.6
IC/IB = 10
BCP53, −10, −16
+150
°C
+25
°C
−55
°C
10
1
0.1
0.01
0.001
0
20
60
80
100
140
180
200
40
120
160
150
°C, 5 V
150
°C, 2 V
25
°C, 5 V
25
°C, 2 V
−55
°C, 5 V
−55
°C, 2 V
10
1
0.1
0.01
0.001
0
20
60
80
100
140
180
40
120
160
150
°C, 5 V
150
°C, 2 V
25
°C, 5 V
25
°C, 2 V
−55
°C, 5 V
−55
°C, 2 V
10
1
0.1
0.01
0.001
0
100
150
200
300
50
250
150
°C, 5 V
150
°C, 2 V
25
°C, 5 V
25
°C, 2 V
−55
°C, 5 V
−55
°C, 2 V
10
1
0.1
0.01
0.001
0.4
0.6
0.7
0.8
0.9
1.1
1.2
0.5
1.0
IC/IB = 10
BCP53, −10
+150
°C
+25
°C
−55
°C
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.4
0.6
0.7
0.8
0.9
1.1
1.2
0.5
1.0
IC/IB = 10
BCP53 −16
+150
°C
+25
°C
−55
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com