Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652123 Datasheet(PDF) 2 Page - EPCOS

Part # 652123
Description  SMT inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

652123 Datasheet(HTML) 2 Page - EPCOS

  652123 Datasheet HTML 1Page - EPCOS 652123 Datasheet HTML 2Page - EPCOS 652123 Datasheet HTML 3Page - EPCOS 652123 Datasheet HTML 4Page - EPCOS 652123 Datasheet HTML 5Page - EPCOS 652123 Datasheet HTML 6Page - EPCOS 652123 Datasheet HTML 7Page - EPCOS 652123 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 1812 (EIA) or 4532 (IEC)
Rated inductance 1
µH to 1000 µH
Rated current 70 mA to 1300 mA
Construction
■ Upright ferrite drum core
■ Laser-welded winding
■ Flame-retardant molding
Features
■ Temperature range up to 150 °C
■ High current handling capability
■ Qualified to AEC-Q200
■ Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
■ RoHS-compatible
Applications
■ Filtering of supply voltages, coupling, decoupling
■ DC/DC converters
■ Automotive electronics (e.g. single-wire bus systems)
■ Telecommunications
■ Industrial electronics
Terminals
■ Base material CuSn6
■ Layer composition Cu, Ag, Sn (lead-free)1)
■ Electro-plated
Marking
■ Marking on component:
Manufacturer and letter “T”,
L value (in
µH), tolerance of L value (coded),
date of manufacture (YWWD)
■ Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
■ 12-mm blister tape, wound on 330-mm ∅ reel
■ Packing unit: 2500 pcs./reel
1) Ni-barrier-plated terminals on request (B82432T*50).
B82432T
SMT inductors, SIMID series
SIMID 1812-T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com