Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652123 Datasheet(PDF) 5 Page - EPCOS

Part # 652123
Description  SMT inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

652123 Datasheet(HTML) 5 Page - EPCOS

  652123 Datasheet HTML 1Page - EPCOS 652123 Datasheet HTML 2Page - EPCOS 652123 Datasheet HTML 3Page - EPCOS 652123 Datasheet HTML 4Page - EPCOS 652123 Datasheet HTML 5Page - EPCOS 652123 Datasheet HTML 6Page - EPCOS 652123 Datasheet HTML 7Page - EPCOS 652123 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82432X001
For more information refer to chapter “Sample kits”.
1) For Ni-barrier-plated terminals replace the last two digits of ordering code “00” by “50”.
LR
µH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)
10
± 10 % K
10
2.52
650
0.35
25
B82432T1103K000
12
10
2.52
630
0.45
23
B82432T1123K000
15
10
2.52
600
0.50
20
B82432T1153K000
18
10
2.52
550
0.60
18
B82432T1183K000
22
10
2.52
450
0.70
15
B82432T1223K000
27
10
2.52
430
1.00
14
B82432T1273K000
33
10
2.52
400
1.20
13
B82432T1333K000
39
10
2.52
380
1.30
12
B82432T1393K000
47
10
2.52
350
1.35
11
B82432T1473K000
56
10
2.52
300
2.00
10
B82432T1563K000
68
10
2.52
250
2.50
8.0
B82432T1683K000
82
10
2.52
220
3.00
7.0
B82432T1823K000
100
20
0.796
200
3.50
6.5
B82432T1104K000
120
20
0.796
180
4.50
6.3
B82432T1124K000
150
20
0.796
160
6.00
6.1
B82432T1154K000
180
20
0.796
140
7.00
5.5
B82432T1184K000
220
20
0.796
130
7.50
4.5
B82432T1224K000
270
20
0.796
120
10.5
4.3
B82432T1274K000
330
20
0.796
120
11.0
4.1
B82432T1334K000
390
20
0.796
110
13.0
3.9
B82432T1394K000
470
20
0.796
100
15.0
3.5
B82432T1474K000
560
20
0.796
90
20.0
3.0
B82432T1564K000
680
20
0.796
80
23.0
2.6
B82432T1684K000
820
20
0.796
80
27.0
2.4
B82432T1824K000
1000
20
0.252
70
30.0
2.3
B82432T1105K000
^
B82432T
SMT inductors, SIMID series
SIMID 1812-T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com