Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

652123 Datasheet(PDF) 4 Page - EPCOS

Part # 652123
Description  SMT inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

652123 Datasheet(HTML) 4 Page - EPCOS

  652123 Datasheet HTML 1Page - EPCOS 652123 Datasheet HTML 2Page - EPCOS 652123 Datasheet HTML 3Page - EPCOS 652123 Datasheet HTML 4Page - EPCOS 652123 Datasheet HTML 5Page - EPCOS 652123 Datasheet HTML 6Page - EPCOS 652123 Datasheet HTML 7Page - EPCOS 652123 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
1) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, 20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, 20 °C
Rated temperature TR
85
°C
Rated current IR
Maximum permissible DC with inductance decrease
∆L/L
0 ≤ 10% and temperature increase
of
≤ 40 K at rated temperature
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8753D, 20 °C
DC resistance Rmax
Measured at 20
°C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260
°C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 130 mg
LR
µH
Tolerance
Qmin
fL; fQ
MHz
IR
mA
Rmax
Ω
fres,min
MHz
Ordering code1)
1.0
±10% K
10
7.96
1300
0.08
110
B82432T1102K000
1.2
10
7.96
1200
0.10
100
B82432T1122K000
1.5
10
7.96
1150
0.11
80
B82432T1152K000
1.8
10
7.96
1050
0.13
70
B82432T1182K000
2.2
10
7.96
1000
0.15
60
B82432T1222K000
2.7
10
7.96
950
0.17
55
B82432T1272K000
3.3
10
7.96
900
0.19
50
B82432T1332K000
3.9
10
7.96
850
0.20
45
B82432T1392K000
4.7
10
7.96
800
0.22
40
B82432T1472K000
5.6
10
7.96
750
0.26
38
B82432T1562K000
6.8
10
7.96
700
0.30
36
B82432T1682K000
8.2
10
7.96
670
0.33
30
B82432T1822K000
^
B82432T
SMT inductors, SIMID series
SIMID 1812-T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com