Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

790D157X Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 790D157X
Description  Resin-Molded, Radial-Lead Solid Tantalum Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

790D157X Datasheet(HTML) 5 Page - Vishay Siliconix

  790D157X Datasheet HTML 1Page - Vishay Siliconix 790D157X Datasheet HTML 2Page - Vishay Siliconix 790D157X Datasheet HTML 3Page - Vishay Siliconix 790D157X Datasheet HTML 4Page - Vishay Siliconix 790D157X Datasheet HTML 5Page - Vishay Siliconix 790D157X Datasheet HTML 6Page - Vishay Siliconix 790D157X Datasheet HTML 7Page - Vishay Siliconix 790D157X Datasheet HTML 8Page - Vishay Siliconix 790D157X Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
790D
www.vishay.com
Vishay Sprague
Revision: 18-Jun-12
5
Document Number: 42072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM PERMISSIBLE RIPPLE VOLTAGE AT + 25 °C
TYPICAL CURVES OF IMPEDANCE VS FREQUENCY
10
1
0.1
30
20
2
5
0.7
7
3
0.5
0.2
0.3
50
V
10
V
25
V
6.3
V
16
V
35/40
V
0.1K
0.5
1K
5
10K
50
100K
500
FREQUENCY IN Hz
CASE SIZE “A”
10
1
0.1
30
20
2
5
0.7
7
3
0.5
0.2
0.3
0.1K
0.5
1K
5
10K
50
100K
500
FREQUENCY IN Hz
CASE SIZE “B”
50
V
10
V
25
V
6.3
V
16
V
35/40
V
10
1
0.1
30
20
2
5
0.7
7
3
0.5
0.2
0.3
0.1K
0.5
1K
5
10K
50
100K
500
FREQUENCY IN Hz
CASE SIZE “C”
50
V
10
V
25
V
6.3
V
16
V
35/40
V
10
1
0.1
30
20
2
5
0.7
7
3
0.5
0.2
0.3
0.1K
0.5
1K
5
10K
50
100K
500
FREQUENCY IN Hz
CASE SIZE “D”
50
V
10
V
25
V
6.3
V
16
V
35/40
V
FREQUENCY IN Hz
10
1
0.1
1K
10K
100K
1M
10M
100M
47 µF
6.3 V
6.8 µF
30
330 µF
150 µF
FREQUENCY IN Hz
1K
10K
100K
1M
10M
100M
100
10
1
0.1
47 µF
6.8 µF
1µF
22 µF
35 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com