Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

790D157X Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 790D157X
Description  Resin-Molded, Radial-Lead Solid Tantalum Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

790D157X Datasheet(HTML) 6 Page - Vishay Siliconix

  790D157X Datasheet HTML 1Page - Vishay Siliconix 790D157X Datasheet HTML 2Page - Vishay Siliconix 790D157X Datasheet HTML 3Page - Vishay Siliconix 790D157X Datasheet HTML 4Page - Vishay Siliconix 790D157X Datasheet HTML 5Page - Vishay Siliconix 790D157X Datasheet HTML 6Page - Vishay Siliconix 790D157X Datasheet HTML 7Page - Vishay Siliconix 790D157X Datasheet HTML 8Page - Vishay Siliconix 790D157X Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
790D
www.vishay.com
Vishay Sprague
Revision: 18-Jun-12
6
Document Number: 42072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Non preferred configuration on request only
PERFORMANCE CHARACTERISTICS
1. Operating Temperature: - 55 °C to + 85 °C with rated
voltage UR applied. + 85 °C to 125 °C with linear
voltage derating to category voltage UC (see general
information) applied.
2. Capacitance and Tolerance: Capacitance measured at
100 Hz and + 25 °C shall be within the specified tolerance
limits of the nominal rating.
3. Reverse Voltage: 15 % of rated voltage at + 25 °C
5 % of rated voltage at + 85 °C
4. Surge Voltage: 130 % of UR at + 85 °C
130 % of UC at + 125 °C
5. Impedance at 100 kHz: Measured at + 20 °C ± 5 °C,
impedance shall not exceed the values listed in
datasheet.
6. Stability at low and high temperatures: Capacitance
change with temperature, dissipation factor and DC
leakage current shall not exceed the limits of the
following table.
7.
Life Test: 2000 h at + 85 °C with rated voltage applied
2000 h at + 125 °C with category voltage applied
C/C  10 % of initial value
IL
 1.25 initial limit
DF
 initial limit
8.
Humidity Test: 56 days at + 40 °C, 90 % relative
humidity
C/C  8 % of initial value
IL
 initial limit
DF
 initial limit
9.
Charge and Discharge Test:
1 million cycles at + 85 °C,
0.5 s charge at UR
0.5 s discharge
Series resistance < 0.5
C/C  5 % of initial value
IL
 initial limit
DF
 initial limit
10. Marking:
Top: Rating and polarity
Front: Type, date code, Sprague trademark
PACKAGING QUANTITIES
CASE CODE
REEL
X/Y
AMMO
G/H
BULK
B
A
1000
1000
500
B
1000
1000
250
C
300 (1)
300 (1)
100
D
200 (1)
200 (1)
50
TEMP.
CAPACITANCE
CHANGE
CRUR  1900
CRUR > 1900
DISSIPATION
FACTOR
IL
LEAKAGE
CURRENT
- 55 °C
- 10 %
9 %
-
11 %
+ 25 °C
-
6 %
0.01 CR x UR or
1 μA whichever
is greater
8 %
+ 85 °C
+ 12 %
9 %
0.1 CR x UR or
10 μA whichever
is greater
11 %
+ 125 °C
+ 15 %
12 %
0.125 CR x UR or
12.5 μA
whichever
is greater
14 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com