Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

790D157X Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 790D157X
Description  Resin-Molded, Radial-Lead Solid Tantalum Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

790D157X Datasheet(HTML) 4 Page - Vishay Siliconix

  790D157X Datasheet HTML 1Page - Vishay Siliconix 790D157X Datasheet HTML 2Page - Vishay Siliconix 790D157X Datasheet HTML 3Page - Vishay Siliconix 790D157X Datasheet HTML 4Page - Vishay Siliconix 790D157X Datasheet HTML 5Page - Vishay Siliconix 790D157X Datasheet HTML 6Page - Vishay Siliconix 790D157X Datasheet HTML 7Page - Vishay Siliconix 790D157X Datasheet HTML 8Page - Vishay Siliconix 790D157X Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
790D
www.vishay.com
Vishay Sprague
Revision: 18-Jun-12
4
Document Number: 42072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UR = 40 VDC AT + 85 °C, SURGE = 52 V; UC = 25 VDC AT + 125 °C, SURGE = 32 V
0.10
A
790D104X(1)040A2(2)
1.0
6
30.0
0.15
A
790D154X(1)040A2(2)
1.0
6
24.0
0.22
A
790D224X(1)040A2(2)
1.0
6
18.0
0.33
A
790D334X(1)040A2(2)
1.0
6
14.0
0.47
A
790D474X(1)040A2(2)
1.0
6
11.0
1.0
A
790D105X(1)040A2(2)
1.0
6
6.5
1.5
B
790D155X(1)040B2(2)
1.0
6
5.2
2.2
B
790D225X(1)040B2(2)
1.0
6
4.0
3.3
A
790D335X(1)040A2(2)
1.3
6
2.8
3.3
B
790D335X(1)040B2(2)
1.3
6
2.8
4.7
B
790D475X(1)040B2(2)
1.8
6
2.0
6.8
B
790D685X(1)040B2(2)
2.7
6
1.6
10
C
790D106X(1)040C2(2)
4.0
6
1.3
15
C
790D156X(1)040C2(2)
6.0
6
1.0
22
C
790D226X(1)040C2(2)
8.8
6
0.8
33
D
790D336X(1)040D2(2)
13.2
6
0.6
47
D
790D476X(1)040D2(2)
18.8
6
0.5
UR = 50 VDC AT + 85 °C, SURGE = 65 V; UC = 32 VDC AT + 125 °C, SURGE = 41 V
0.10
A
790D104X(1)050A2(2)
1.0
6
30
0.15
A
790D154X(1)050A2(2)
1.0
6
24
0.22
A
790D224X(1)050A2(2)
1.0
6
18
0.68
A
790D684X(1)050A2(2)
1.0
6
8.0
1.0
A
790D105X(1)050A2(2)
1.0
6
6.5
1.5
B
790D155X(1)050B2(2)
1.0
6
5.2
2.2
B
790D225X(1)050B2(2)
1.1
6
4.0
3.3
B
790D335X(1)050B2(2)
1.6
6
2.8
4.7
B
790D475X(1)050B2(2)
2.3
6
2.0
6.8
C
790D685X(1)050C2(2)
3.4
6
1.6
10
C
790D106X(1)050C2(2)
5.0
6
1.3
15
C
790D156X(1)050C2(2)
7.5
6
1.0
STANDARD RATINGS/EXTENDED RATINGS
CAPACITANCE
CR (μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
120 Hz, AT + 25 °C
(%)
MAX. IMPEDANCE
100 kHz, AT + 25 °C
(
)
Notes
• Part number definitions:
(1) Insert 0 for ± 20 % tolerance or 9 for ± 10 %
(2) See Ordering Information, packaging code
• Extended ratings in bold print



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com