Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7859ASZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7859ASZ Datasheet HTML 5Page - Analog Devices AD7859ASZ Datasheet HTML 6Page - Analog Devices AD7859ASZ Datasheet HTML 7Page - Analog Devices AD7859ASZ Datasheet HTML 8Page - Analog Devices AD7859ASZ Datasheet HTML 9Page - Analog Devices AD7859ASZ Datasheet HTML 10Page - Analog Devices AD7859ASZ Datasheet HTML 11Page - Analog Devices AD7859ASZ Datasheet HTML 12Page - Analog Devices AD7859ASZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7859/AD7859L
REV. A
–9–
CONTROL REGISTER
The arrangement of the control register is shown below. The control register is a write only register and contains 14 bits of data. The
control register is selected by putting two 1s in ADDR1 and ADDR0. The function of the bits in the control register is described
below. The power-up status of all bits is 0.
MSB
SGL/DIFF
CHSLT2
CHSLT1
CHSLT0
PMGT1
PMGT0
RDSLT1
RDSLT0
AMODE
CONVST
CALMD
CALSLT1
CALSLT0
STCAL
LSB
CONTROL REGISTER BIT FUNCTION DESCRIPTION
Bit
Mnemonic
Comment
13
SGL/DIFF
A 0 in this bit position configures the input channels for pseudo-differential mode. A 1 in this bit posi-
tion configures the input channels in single ended mode. Please see Table III for channel selection.
12
CHSLT2
These three bits are used to select the analog input on which the conversion is performed. The analog
11
CHSLT1
inputs can be configured as eight single-ended channels or four pseudo-differential channels. The
10
CHSLT0
default selection is AIN1 for the positive input and AIN2 for the negative input. Please see Table III for
channel selection information.
9
PMGT1
Power Management Bits. These two bits are used with the SLEEP pin for putting the part into various
8
PMGT0
Power-Down modes (See Power-Down section for more details).
7
RDSLT1
Theses two bits determine which register is addressed for the read operations. Please see Table II.
6
RDSLT0
5
AMODE
Analog Mode Bit. This bit has two different functions, depending on the status of the SGL/DIFF bit.
When SGL/DIFF is 0, AMODE selects between unipolar and bipolar analog input ranges. A logic 0 in
this bit position selects the unipolar range, 0 to VREF (i.e., AIN(+) – AIN(–) = 0 to VREF). A logic 1 in
this bit position selects the bipolar range –VREF/2 to +VREF/2 (i.e., AIN(+) – AIN(–) = –VREF /2 to
+VREF/2). In this case AIN(–) needs to be tied to at least +VREF/2 to allow AIN(+) to have a full input
swing from 0 V to +VREF.
When SGL/DIFF is 1, AMODE selects the source for the AIN(–) channel of the sample and hold cir-
cuitry. If AMODE is a 0, AGND is selected. If AMODE is a 1, then AIN8 is selected. Please see
Table III for more information.
4
CONVST
Conversion Start Bit. A logic 1 in this bit position starts a single conversion, and this bit is automatically
reset to 0 at the end of conversion. This bit may also be used in conjunction with system calibration (see
calibration section on page 21).
3
CALMD
Calibration Mode Bit. A 0 here selects self-calibration and a 1 selects a system calibration (see Table IV).
2
CALSLT1
Calibration Selection Bits 1 and 0. These bits have two functions, depending on the STCAL bit.
1
CALSLT0
With the STCAL bit set to 1, the CALSLT1 and CALSLT0 bits, along with the CALMD bit, deter-
mine the type of calibration performed by the part (see Table IV).
With the STCAL bit set to 0, the CALSLT1 and CALSLT0 bits are decoded to address the calibration
register for read/write of calibration coefficients (see Table V for more details).
0
STCAL
Start Calibration Bit. When STCAL is set to a 1, a calibration is performed, as determined by the
CALMD, CALSLT1 and CALSLT0 bits. Please see Table IV. When STCAL is set to a zero, no cali-
bration is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com