Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7859ASZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7859ASZ Datasheet HTML 8Page - Analog Devices AD7859ASZ Datasheet HTML 9Page - Analog Devices AD7859ASZ Datasheet HTML 10Page - Analog Devices AD7859ASZ Datasheet HTML 11Page - Analog Devices AD7859ASZ Datasheet HTML 12Page - Analog Devices AD7859ASZ Datasheet HTML 13Page - Analog Devices AD7859ASZ Datasheet HTML 14Page - Analog Devices AD7859ASZ Datasheet HTML 15Page - Analog Devices AD7859ASZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7859/AD7859L
REV. A
–12–
CALIBRATION REGISTERS
The AD7859/AD7859L has 10 calibration registers in all, 8 for the DAC, 1 for offset and 1 for gain. Data can be written to or read
from all 10 calibration registers. In self and system calibration, the part automatically modifies the calibration registers; only if the
user needs to modify the calibration registers should an attempt be made to read from and write to the calibration registers.
Addressing the Calibration Registers
The calibration selection bits in the control register CALSLT1 and CALSLT0 determine which of the calibration registers are ad-
dressed (See Table V). The addressing applies to both the read and write operations for the calibration registers. The user should not
attempt to read from and write to the calibration registers at the same time.
Table V. Calibration Register Addressing
CALSLT1
CALSLT0
Comment
0
0
This combination addresses the Gain (1), Offset (1) and DAC Registers (8). Ten registers in total.
0
1
This combination addresses the Gain (1) and Offset (1) Registers. Two registers in total.
1
0
This combination addresses the Offset Register. One register in total.
1
1
This combination addresses the Gain Register. One register in total.
Writing to/Reading from the Calibration Registers
When writing to the calibration registers a write to the control
register is required to set the CALSLT0 and CALSLT1 bits.
When reading from the calibration registers a write to the con-
trol register is required to set the CALSLT0 and CALSLT1 bits
and also to set the RDSLT1 and RDSLT0 bits to 10 (this ad-
dresses the calibration registers for reading). The calibration
register pointer is reset on writing to the control register setting
the CALSLT1 and CALSLT0 bits, or upon completion of all
the calibration register write/read operations. When reset it
points to the first calibration register in the selected write/read
sequence. The calibration register pointer points to the gain
calibration register upon reset in all but one case, this case being
where the offset calibration register is selected on its own
(CALSLT1 = 1, CALSLT0 = 0). Where more than one cali-
bration register is being accessed, the calibration register pointer
is automatically incremented after each full calibration register
write/read operation. The calibration register address pointer is
incremented after the high byte read or write operation in byte
mode. Therefore when reading (in byte mode) from the calibra-
tion registers, the low byte must always be read first, i.e., HBEN
= logic zero. The order in which the 10 calibration registers are
arranged is shown in Figure 5. Read/Write operations may be
aborted at any time before all the calibration registers have been
accessed, and the next control register write operation resets the
calibration register pointer. The flowchart in Figure 6 shows the
sequence for writing to the calibration registers. Figure 7 shows
the sequence for reading from the calibration registers.
CAL REGISTER
ADDRESS POINTER
CALIBRATION REGISTERS
GAIN REGISTER
OFFSET REGISTER
DAC 1st MSB REGISTER
DAC 8th MSB REGISTER
(1)
(2)
(3)
(10)
CALIBRATION REGISTER ADDRESS POINTER POSITION IS
DETERMINED BY THE NUMBER OF CALIBRATION REGISTERS
ADDRESSED AND THE NUMBER OF READ/WRITE OPERATIONS.
Figure 5. Calibration Register Arrangement
When reading from the calibration registers there is always two
leading zeros for each of the registers.
START
WRITE TO CAL REGISTER
(ADDR1 = 1, ADDR0 = 0)
FINISHED
LAST
REGISTER
WRITE
OPERATION
OR
ABORT
?
YES
NO
CAL REGISTER POINTER IS
AUTOMATICALLY RESET
WRITE TO CONTROL REGISTER SETTING STCAL = 0
AND CALSLT1, CALSLT0 = 00, 01, 10, 11
CAL REGISTER POINTER IS
AUTOMATICALLY INCREMENTED
Figure 6. Flowchart for Writing to the Calibration Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com