Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7859ASZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7859ASZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859ASZ Datasheet(HTML) 3 Page - Analog Devices

  AD7859ASZ Datasheet HTML 1Page - Analog Devices AD7859ASZ Datasheet HTML 2Page - Analog Devices AD7859ASZ Datasheet HTML 3Page - Analog Devices AD7859ASZ Datasheet HTML 4Page - Analog Devices AD7859ASZ Datasheet HTML 5Page - Analog Devices AD7859ASZ Datasheet HTML 6Page - Analog Devices AD7859ASZ Datasheet HTML 7Page - Analog Devices AD7859ASZ Datasheet HTML 8Page - Analog Devices AD7859ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. A
–3–
Parameter
A Version1
B Version1
Units
Test Conditions/Comments
CONVERSION RATE
tCLKIN × 18
Conversion Time
4.5 (10)
4.5
µs max
(L Versions Only, 0
°C to +70°C, 1.8 MHz CLKIN)
Track/Hold Acquisition Time
0.5 (1)
0.5
µs min
(L Versions Only, –40
°C to +85°C, 1.8 MHz CLKIN)
POWER REQUIREMENTS
AVDD, DVDD
+3.0/+5.5
+3.0/+5.5
V min/max
IDD
Normal Mode
5
5.5 (1.95)
5.5
mA max
AVDD = DVDD = 4.5 V to 5.5 V. Typically 4.5 mA
5.5 (1.95)
5.5
mA max
AVDD = DVDD = 3.0 V to 3.6 V. Typically 4.0 mA
Sleep Mode
6
With External Clock On
10
10
µA typ
Full Power-Down. Power Management Bits in Control
Register Set as PMGT1 = 1, PMGT0 = 0.
400
400
µA typ
Partial Power-Down. Power Management Bits in
Control Register Set as PMGT1 = 1, PMGT0 = 1.
With External Clock Off
5
5
µA max
Typically 1
µA. Full Power-Down. Power Management
Bits in Control Register Set as PMGT1 = 1, PMGT0 = 0.
200
200
µA typ
Partial Power-Down. Power Management Bits in
Control Register Set as PMGT1 = 1, PMGT0 = 1.
Normal Mode Power Dissipation
30 (10)
30 (10)
mW max
VDD = 5.5 V: Typically 25 mW (8); SLEEP = VDD
20 (6.5)
20 (6.5)
mW max
VDD = 3.6 V: Typically 15 mW (5.4); SLEEP = VDD
Sleep Mode Power Dissipation
With External Clock On
55
55
µW typ
VDD = 5.5 V; SLEEP = 0 V
36
36
µW typ
VDD = 3.6 V; SLEEP = 0 V
With External Clock Off
27.5
27.5
µW max
VDD = 5.5 V: Typically 5.5 µW; SLEEP = 0 V
18
18
µW max
VDD = 3.6 V: Typically 3.6
µW; SLEEP = 0 V
SYSTEM CALIBRATION
Offset Calibration Span
7
+0.05
× V
REF/–0.05 × VREF
V max/min
Allowable Offset Voltage Span for Calibration
Gain Calibration Span
7
+1.025
× V
REF/–0.975
× V
REF V max/min
Allowable Full-Scale Voltage Span for Calibration
NOTES
1Temperature range as follows: A, B Versions, –40
°C to +85°C.
2Specifications apply after calibration.
3SNR calculation includes distortion and noise components.
4Not production tested, guaranteed by characterization at initial product release.
5All digital inputs @ DGND except for CONVST, SLEEP, CAL, and SYNC @ DV
DD. No load on the digital outputs. Analog inputs @ AGND.
6CLKIN @ DGND when external clock off. All digital inputs @ DGND except for CONVST, SLEEP, CAL, and SYNC @ DV
DD. No load on the digital outputs.
Analog inputs @ AGND.
7The offset and gain calibration spans are defined as the range of offset and gain errors that the AD7859/AD7859L can calibrate. Note also that these are voltage spans
and are not absolute voltages (i.e., the allowable system offset voltage presented at AIN(+) for the system offset error to be adjusted out will be AIN(–)
± 0.05 × V
REF,
and the allowable system full-scale voltage applied between AIN(+) and AIN(–) for the system full-scale voltage error to be adjusted out will be VREF
± 0.025 × V
REF).
This is explained in more detail in the calibration section of the data sheet.
Specifications subject to change without notice.
AD7859/AD7859L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com