Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7755EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADE7755EBZ
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7755EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADE7755EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADE7755
Rev. A | Page 14 of 20
Channel 2 (Voltage Channel)
The output of the line voltage transducer is connected to the
ADE7755 at this analog input. Channel 2 is a fully differential
voltage input. The maximum peak differential signal on Channel 2
is ±660 mV. Figure 25 illustrates the maximum signal levels that
can be connected to Channel 2 of the ADE7755.
+660mV
–660mV
VCM
V2
DIFFERENTIAL INPUT
±660mV MAX PEAK
COMMON-MODE
±100mV MAX
V2P
V2N
V2
VCM
AGND
Figure 25. Maximum Signal Levels, Channel 2
Channel 2 must be driven from a common-mode voltage, that
is, the differential voltage signal on the input must be referenced
to a common mode (usually AGND). The analog inputs of the
ADE7755 can be driven with common-mode voltages of up to
100 mV with respect to AGND. However, best results are achieved
using a common mode equal to AGND.
TYPICAL CONNECTION DIAGRAMS
Figure 26 shows a typical connection diagram for Channel 1. A
current transformer (CT) is the current transducer selected for
this example. Note that the common-mode voltage for Channel 1
is AGND and is derived by center-tapping the burden resistor to
AGND. This provides the complementary analog input signals for
V1P and V1N. The CT turns ratio and burden resistor Rb are
selected to give a peak differential voltage of ±470 mV/gain at
maximum load.
V1P
AGND
±470mV
GAIN
Rb
Rf
Rf
CT
NEUTRAL
PHASE
IP
V1N
Cf
Cf
Figure 26. Typical Connection for Channel 1
Figure 27 shows two typical connections for Channel 2. The first
option uses a potential transformer (PT) to provide complete
isolation from the power line. In the second option, the ADE7755
is biased around the neutral wire, and a resistor divider provides
a voltage signal that is proportional to the line voltage. Adjusting
the ratio of Ra, Rb, and VR is also a convenient way of carrying
out a gain calibration on the meter.
±660mV
Ra1
Rb1
VR1
V2P
AGND
Rf
Rf
PT
NEUTRAL
PHASE
V2N
Cf
Cf
±660mV
V2P
Rf
NEUTRAL
PHASE
V2N
Cf
Cf
1Ra >> Rb + VR
Rb + VR = Rf
Figure 27. Typical Connections for Channel 2
POWER SUPPLY MONITOR
The ADE7755 contains an on-chip power supply monitor. The
analog supply (AVDD) is continuously monitored by the ADE7755.
If the supply is less than 4 V ± 5%, the ADE7755 resets. This is
useful to ensure correct device startup at power-up and power-
down. The power supply monitor has built-in hysteresis and
filtering. These features give a high degree of immunity to false
triggering due to noisy supplies.
In Figure 28, the trigger level is nominally set at 4 V. The
tolerance on this trigger level is about ±5%. The power supply
and decoupling for the part should be such that the ripple at
AVDD does not exceed 5 V ± 5%, as specified for normal
operation.
AVDD
5V
4V
0V
TIME
RESET
ACTIVE
RESET
INTERNAL
RESET
Figure 28. On-Chip Power Supply Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com