Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7755EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # EVAL-ADE7755EBZ
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7755EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button EVAL-ADE7755EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADE7755
Rev. A | Page 19 of 20
NO LOAD THRESHOLD
The ADE7755 also includes a no load threshold and start-up
current feature that eliminates any creep effects in the meter. The
ADE7755 is designed to issue a minimum output frequency in all
modes except when SCF = 0 and S1 = S0 = 1. The no load detection
threshold is disabled in this output mode to accommodate
specialized application of the ADE7755. Any load generating a
frequency lower than this minimum frequency will not cause a
pulse to be issued on F1, F2, or CF. The minimum output
frequency is given as 0.0014% of the full-scale output frequency
for each of the fi frequencies (i = 1, 2, 3, or 4), see Table 6.
For example, in an energy meter with a meter constant of
100 imp/kWh on F1 and F2 using f2 (3.4 Hz), the maximum
output frequency at F1 or F2 is 0.0014% of 3.4 Hz or 4.76 × 10−5 Hz.
This is 3.05 × 10−3 Hz at CF (64 × F1 Hz). In this example, the no
load threshold is equivalent to 1.7 W of the load or a start-up
current of 8 mA at 220 V. IEC 1036 states that the meter must
start up with a load current equal to or less than 0.4% Ib. For a
5 A (Ib) meter, 0.4% Ib is equivalent to 20 mA. The start-up
current of this design therefore satisfies the IEC requirement.
As illustrated in this example, the choice of fi frequency
(i = 1, 2, 3, or 4) and the ratio of the stepper motor display
determine the start-up current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com