Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7755EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-ADE7755EBZ
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7755EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-ADE7755EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7755EBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADE7755
Rev. A | Page 16 of 20
F1
F2
DIGITAL-TO-
FREQUENCY
CF
DIGITAL-TO-
FREQUENCY
MULTIPLIER
F1
TIME
fOUT
TIME
V
I
0
FREQUENCY (RAD/s)
ω
2ω
cos(2ωt)
ATTENUATED BY LPF
V×I
2
LPF TO EXTRACT
REAL POWER
(DC TERM)
INSTANTANEOUS ACTIVE POWER SIGNAL
(FREQUENCY DOMAIN)
LPF
Figure 32. Active Power-to-Frequency Conversion
As can be seen in Figure 32, the frequency output CF varies over
time, even under steady load conditions. This frequency variation
is primarily due to the cos(2 ωt) component in the instantaneous
active power signal. The output frequency on CF can be up to
2048 times higher than the frequency on F1 and F2. This higher
output frequency is generated by accumulating the instantaneous
active power signal over a much shorter time while converting
it to a frequency. This shorter accumulation period means less
averaging of the cos(2 ωt) component. Consequently, some of
this instantaneous power signal passes through the digital-to-
frequency conversion, which is not a problem in the
application. When CF is used for calibration purposes, the
frequency should be averaged by the frequency counter. This
averaging operation removes any ripple. If CF is measuring
energy, for example, in a microprocessor-based application, the
CF output should also be averaged to calculate power. Because
the outputs, F1 and F2, operate at a much lower frequency,
more averaging of the instantaneous active power signal is
carried out. The result is a greatly attenuated sinusoidal content
and a virtually ripple-free frequency output.
INTERFACING THE ADE7755 TO A
MICROCONTROLLER FOR ENERGY MEASUREMENT
The easiest way to interface the ADE7755 to a microcontroller
is to use the CF high frequency output with the output frequency
scaling set to 2048 × F1, F2. This is done by setting SCF = 0 and
S0 = S1 = 1 (see Table 8). With full-scale ac signals on the analog
inputs, the output frequency on CF is approximately 5.5 kHz.
Figure 33 illustrates one scheme that can be used to digitize the
output frequency and carry out the necessary averaging described
in the Digital-to-Frequency Conversion section.
CF
TIME
±10%
FREQUENCY
RIPPLE
AVERAGE
FREQUENCY
ADE7755
1REVP MUST BE USED IF THE METER IS BIDIRECTIONAL OR
DIRECTION OF ENERGY FLOW IS NEEDED
COUNTER
UP/DOWN
TIMER
MCU
CF
REVP1
Figure 33. Interfacing the ADE7755 to an MCU
As shown in Figure 33, the frequency output CF is connected to
an MCU counter or port, which counts the number of pulses in
a given integration time that is determined by an MCU internal
timer. The average power proportional to the average frequency
is given by
Timer
Counter
Power
Active
Average
Frequency
Average
=
=
The energy consumed during an integration period is given by
Counter
Time
Time
Counter
Time
Power
Average
Energy
=
×
=
×
=
For the purpose of calibration, this integration time can be
10 seconds to 20 seconds to accumulate enough pulses to ensure
correct averaging of the frequency. In normal operation, the
integration time can be reduced to 1 second or 2 seconds
depending, for example, on the required update rate of a display.
With shorter integration times on the MCU, the amount of
energy in each update may still have some small amount of
ripple, even under steady load conditions. However, over a
minute or more, the measured energy has no ripple.
POWER MEASUREMENT CONSIDERATIONS
Calculating and displaying power information always has some
associated ripple that depends on the integration period used in
the MCU to determine average power and also the load. For
example, at light loads, the output frequency can be 10 Hz. With
an integration period of 2 seconds, only about 20 pulses are
counted. The possibility of missing one pulse always exists because
the ADE7755 output frequency is running asynchronously to the
MCU timer. This possibility results in a 1-in-20 (or 5%) error in
the power measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com