Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL911VRKSA Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL911VRKSA
Description  High Current Operation High Fiux Output Low Thermal Resistance Low Profile
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL911VRKSA Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL911VRKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 9Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 10Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 11Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Packing Spec
1. Tube: 65pcs
Dim: 520mm x 9.6mm x 13.3mm
2. Inner carton: 153 tubes x 65 pcs = 9,945 pcs
Dim: 530mm x 175mm x 128mm
3. Outer carton: 4 inner cartons x 9,945 pcs = 39,780 pcs
Dim: 545mm x 370mm x 280mm
Part No. : LTL911VxKSA/LTL912VxKSA
Page :
8
of
12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com