Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL911VRKSA Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL911VRKSA
Description  High Current Operation High Fiux Output Low Thermal Resistance Low Profile
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL911VRKSA Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL911VRKSA Datasheet HTML 1Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 2Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 3Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25℃
Parameter
Super Red
Red
Red-Orange
Amber
Unit
Power Dissipation
190
190
190
190
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
130
130
90
90
mA
Continuous Forward Current
70
70
70
70
mA
Derating Linear From 70℃
1.17
1.17
1.17
1.17
mA/℃
Reverse Voltage (IR =100 µA)
10
10
10
10
V
Operating Temperature Range
-40
to + 100
℃℃
Storage Temperature Range
-55
to + 100
℃℃
LED Junction Temperature
125℃
Soldering Preheat Temperature
Lead Soldering Temperature
100
for
℃
30 Seconds
260
for 5 Seconds [1.5mm (.06”) From Seating Plane]
℃
Notes:
1. Operation at currents below 10mA is not recommended.
2. Derating linear as shown in Fig. 3
Part No. : LTL911VxKSA/LTL912VxKSA
Page :
4
of
12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com