Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL911VRKSA Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # LTL911VRKSA
Description  High Current Operation High Fiux Output Low Thermal Resistance Low Profile
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL911VRKSA Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button LTL911VRKSA Datasheet HTML 4Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 5Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 6Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 7Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 8Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 9Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 10Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 11Page - Lite-On Technology Corporation LTL911VRKSA Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Suggested checking list :
Training and Certification
1. Everyone working in a static-safe area is ESD-certified?
2. Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1. Static-safe workstation or work-areas have ESD signs?
2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3. All ionizer activated, positioned towards the units?
4. Each work surface mats grounding is good?
Personnel Grounding
1. Every person (including visitors) handling ESD sensitive (ESDS) items wear wrist strap, heel strap or
conductive shoes with conductive flooring?
2. If conductive footwear used, conductive flooring also present where operator stand or walk?
3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DSL?
5. All wrist strap or heel strap checkers calibration up to date?
Note: *50V for Blue LED.
Device Handling
1. Every ESDS items identified by EIA-471 labels on item or packaging?
2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe
workstation?
3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4. All flexible conductive and dissipative package materials inspected before reuse or recycle?
Others
1. Audit result reported to entity ESD control coordinator?
2. Corrective action from previous audits completed?
3. Are audit records complete and on file?
8. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.
Liteon may make process or materials changes affecting the performance or other characteristics of our products.
These products supplied after such changes will continue to meet published specifications, but may not be identical
to products supplied as samples or under prior orders.
Part No. : LTL911VxKSA/LTL912VxKSA
Page :
11
of
12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com