Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1306F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AM1306F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1306F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AM1306F Datasheet HTML 1Page - Panasonic Semiconductor AM1306F Datasheet HTML 2Page - Panasonic Semiconductor AM1306F Datasheet HTML 3Page - Panasonic Semiconductor AM1306F Datasheet HTML 4Page - Panasonic Semiconductor AM1306F Datasheet HTML 5Page - Panasonic Semiconductor AM1306F Datasheet HTML 6Page - Panasonic Semiconductor AM1306F Datasheet HTML 7Page - Panasonic Semiconductor AM1306F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AM1
DIMENSIONS
mm General tolerance:
±0.4
1. Standard types
Pin plunger
AM1100F (Solder terminal)
AM1300F (Screw terminal)
2.4
14.6
15
17.5
9.1
5.4
23.3
±0.3
4.5
±0.1
25.4
±0.1
49.2
11.9
O.P.
P.T.
4.2 +
0.1
−0.05
4.2
dia. hole
+0.1
−0.05
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
0.13
Operating position,
mm
15.9
±0.4
CAD Data
Overtravel plunger
AM1105F (Solder terminal)
AM1305F (Screw terminal)
8.4
4 dia.
6.35 dia.
15
23.3
±0.3
O.P.
P.T.
Plunger: Hardening steel
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
1.5
Operating position,
mm
28.2
±0.5
CAD Data
Compact over plunger
AM1106F (Solder terminal)
AM1306F (Screw terminal)
–0.05
+0.10
4.2
Plunger: Plastic
7.1 dia.
4.2
P.T.
0.4 max.
23.3 ±
0.3
21.2
O.P.
±0.5
14.3 14.5
4.2
+0.10
–0.05
dia.
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
1.5
Operating position,
mm
21.2
±0.5
CAD Data
Panel mount plunger
AM1107F (Solder terminal)
AM1307F (Screw terminal)
8.25 dia.
16
Nut (2 thick)
Lock nut
(2 thick)
M12
× P1
±0.5
–0.05
+0.10
4.2
Plunger: Plastic
P.T.
0.4 max.
23.3 ±
0.3
21.8
O.P.
±0.8
14.3
13.1
4.2
+0.10
–0.05
dia.
R8
Operating force,
max.
3.63 N
Release force,
min.
1.12 N
Pretravel,
max. mm
0.4
Movement differential,
max. mm
0.05
Overtravel,
min. mm
5.6
Operating position,
mm
21.8
±0.8
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com