Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1306F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AM1306F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1306F Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AM1306F Datasheet HTML 1Page - Panasonic Semiconductor AM1306F Datasheet HTML 2Page - Panasonic Semiconductor AM1306F Datasheet HTML 3Page - Panasonic Semiconductor AM1306F Datasheet HTML 4Page - Panasonic Semiconductor AM1306F Datasheet HTML 5Page - Panasonic Semiconductor AM1306F Datasheet HTML 6Page - Panasonic Semiconductor AM1306F Datasheet HTML 7Page - Panasonic Semiconductor AM1306F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AM1
Rigid roller lever
mm General tolerance:
±0.4
AM1543F (Solder terminal)
AM1743F (Screw terminal)
26.1
34.1 max.
20.1
±0.5
O.P.
F.P.
R31
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
1.67 N
Release force,
min.
0.42 N
Pretravel,
max. mm
4.5
Movement differential,
max. mm
0.5
Overtravel,
min. mm
2.4
Operating position,
mm
41.3
±0.4
CAD Data
3. Reversed action types
When the actuator is operated, the switching mechanism returns to the free position. Extraordinary force by pushing the plunger too
much is not put on the switching mechanism, which means stability in life.
Rigid lever
AM1531F (Solder terminal)
AM1731F (Screw terminal)
18.7
17.5
20.1
±0.5
4.5
±0.1
25.4
±0.1
9.1
11.9
11.9
49.2
16.9
±0.8
F.P.
Lever: Stainless steel
O.P.
R56
4.2 +
0.1
−0.05
4.2
dia. hole
+0.1
−0.05
4.8
Operating force,
max.
1.67 N
Release force,
min.
0.27 N
Pretravel,
max. mm
5.0
Movement differential,
max. mm
0.9
Overtravel,
min. mm
5.6
Operating position,
mm
19.1
±0.8
CAD Data
Rigid short roller lever
AM1534F (Solder terminal)
AM1734F (Screw terminal)
18.7
20.1
±0.5
F.P.
O.P.
R19
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
5.30 N
Release force,
min.
1.67 N
Pretravel,
max. mm
2.5
Movement differential,
max. mm
0.4
Overtravel,
min. mm
2.0
Operating position,
mm
30.2
±0.5
CAD Data
Rigid roller lever
AM1533F (Solder terminal)
AM1733F (Screw terminal)
18.7
20.1
±0.5
F.P.
O.P.
R41
Roller 9.5 dia.
×4:
Plastic
Operating force,
max.
2.35 N
Release force,
min.
0.56 N
Pretravel,
max. mm
3.6
Movement differential,
max. mm
0.7
Overtravel,
min. mm
4.0
Operating position,
mm
30.2
±0.8
CAD Data
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com