Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1306F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AM1306F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1306F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AM1306F Datasheet HTML 1Page - Panasonic Semiconductor AM1306F Datasheet HTML 2Page - Panasonic Semiconductor AM1306F Datasheet HTML 3Page - Panasonic Semiconductor AM1306F Datasheet HTML 4Page - Panasonic Semiconductor AM1306F Datasheet HTML 5Page - Panasonic Semiconductor AM1306F Datasheet HTML 6Page - Panasonic Semiconductor AM1306F Datasheet HTML 7Page - Panasonic Semiconductor AM1306F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AM1
ORDERING INFORMATION
TERMINAL VARIATION
Standard types, reversed action types and oil tight types are available in two terminal designs, solder and screw terminals, as shown
in the above columns:
Differences in dimension between solder and screw terminals are as follows;
HIGH CONTACT
CAPACITY,
PRECISE OPERATION
AM1 (NZ BASIC)
SWITCHES
49.2
24.1
17.5
FEATURES
• 10 A High current switching capacity
and high precision
• Wide allowance of operating speed
• Versatile variety of actuators
• UL/C-UL approved
TYPICAL APPLICATION
• General industrial machinery
• Medical equipment
• Measuring instruments
• Transportation equipment
• Home electric appliances
Type of
switch
NZ basic
(AM1)
switch
Remarks: Not every combination is available. Please refer to the following table, “PRODUCT TYPES”.
Upper body cover shape & terminal
Actuators
Basic
specifications
1: Flat, solder terminal
3: Flat, screw terminal
5: Grooved, solder terminal
7: Grooved, screw terminal
Upper body cover shape
0: Pin plunger
1: Hinge lever (leaf spring)
3: Hinge roller lever (roller, leaf, spring)
4: Hinge short roller lever
5: Overtravel plunger
6: Compact overtravel plunger
7: Panel mount plunger
811: Panel mount roller plunger
812: Panel mount cross roller plunger
Contact
F: Cadmium
free
0: Standard type
1: Oil tight type
3: Reversed
action type
4: One way type
Ex. AM
1
5
0
1
F
Flat
Grooved
Solder terminal
mm
Screw terminal
N.O.
N.C.
CIRCUT
CIRCUT
Terminal plate
17.5
6.3
49.2
17.5
20.2
19.8
CNO
NC
9.1
49.2
M4 screw P0.7
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
RoHS compliant


Similar Part No. - AM1306F

ManufacturerPart #DatasheetDescription
logo
Power-One
AM1301-7R POWER-ONE-AM1301-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Analog Power
AM130N07-06M3P ANALOGPOWER-AM130N07-06M3P Datasheet
314Kb / 5P
N-Channel 70-V (D-S) MOSFET
More results

Similar Description - AM1306F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
33V HIGH PRECISE VOLTAGE REFERENCE
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
Contact load capacity up to 30A
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
Contact load capacity up to 150A
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com