Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 52 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 52 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 48Page - Altera Corporation PLL2_C3 Datasheet HTML 49Page - Altera Corporation PLL2_C3 Datasheet HTML 50Page - Altera Corporation PLL2_C3 Datasheet HTML 51Page - Altera Corporation PLL2_C3 Datasheet HTML 52Page - Altera Corporation PLL2_C3 Datasheet HTML 53Page - Altera Corporation PLL2_C3 Datasheet HTML 54Page - Altera Corporation PLL2_C3 Datasheet HTML 55Page - Altera Corporation PLL2_C3 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 274 page
background image
3–18
Chapter 3: Memory Blocks in the Cyclone III Device Family
Document Revision History
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Power-Up Conditions and Memory Initialization
The M9K memory block outputs of the Cyclone III device family power up to zero
(cleared) regardless of whether the output registers are used or bypassed. All M9K
memory blocks support initialization using a .mif. You can create .mifs in the
Quartus II software and specify their use using the RAM MegaWizard Plug-In
Manager when instantiating memory in your design. Even if memory is
pre-initialized (for example, using a .mif), it still powers up with its outputs cleared.
Only the subsequent read after power up outputs the pre-initialized values.
f For more information about .mifs, refer to the Internal Memory (RAM and ROM) User
Guide and the Quartus II Handbook.
Power Management
The M9K memory block clock enables of the Cyclone III device family allow you to
control clocking of each M9K memory block to reduce AC power consumption. Use
the rden signal to ensure that read operations only occur when necessary. If your
design does not require read-during-write, reduce power consumption by deasserting
the rden signal during write operations, or any period when there are no memory
operations. The Quartus II software automatically powers down any unused M9K
memory blocks to save static power.
Document Revision History
Table 3–6 lists the revision history for this document.
Table 3–6. Document Revision History
Date
Version
Changes
December 2011
2.3
Minor text edits.
December 2009
2.2
Minor changes to the text.
July 2009
2.1
Made minor correction to the part number.
June 2009
2.0
Updated to include Cyclone III LS information
■ Updated chapter part number.
■ Updated “Introduction” on page 3–1.
■ Updated “Overview” on page 3–1.
■ Updated Table 3–1 on page 3–2.
■ Updated “Control Signals” on page 3–3.
■ Updated “Memory Modes” on page 3–8.
■ Updated “Simple Dual-Port Mode” on page 3–10.
■ Updated “Read or Write Clock Mode” on page 3–16.
October 2008
1.3
Updated chapter to new template.
May 2008
1.2
■ Revised the maximum performance of the M9K blocks to 315 MHz in “Introduction” and
“Overview” sections, and in Table 3-1.
■ Updated “Address Clock Enable Support” section.
July 2007
1.1
Added chapter TOC and “Referenced Documents” section.
March 2007
1.0
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com