Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 83 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 83 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 79Page - Altera Corporation PLL2_C3 Datasheet HTML 80Page - Altera Corporation PLL2_C3 Datasheet HTML 81Page - Altera Corporation PLL2_C3 Datasheet HTML 82Page - Altera Corporation PLL2_C3 Datasheet HTML 83Page - Altera Corporation PLL2_C3 Datasheet HTML 84Page - Altera Corporation PLL2_C3 Datasheet HTML 85Page - Altera Corporation PLL2_C3 Datasheet HTML 86Page - Altera Corporation PLL2_C3 Datasheet HTML 87Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–23
Phase Shift Implementation
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Fine resolution phase shifts are implemented by allowing any of the output counters
(C[4..0]) or the M counter to use any of the eight phases of the VCO as the reference
clock. This allows you to adjust the delay time with a fine resolution. Equation 5–1
shows the minimum delay time that you can insert using this method.
For example, if fREF is 100 MHz, N = 1, and M = 8, then fVCO = 800 MHz, and
fine = 156.25 ps. The PLL operating frequency defines this phase shift, a value that
depends on reference clock frequency and counter settings.
Coarse resolution phase shifts are implemented by delaying the start of the counters
for a predetermined number of counter clocks. Equation 5–2 shows the coarse phase
shift.
Equation 5–1. Fine Resolution Phase Shift
Note to Equation 5–1:
(1) fREF is the input reference clock frequency
Equation 5–2. Coarse Resolution Phase Shift
Note to Equation 5–2:
(1) C is the count value set for the counter delay time—the initial setting in the PLL usage section of the compilation
report in the Quartus II software. If the initial value is 1, C – 1 = 0° phase shift.
fine
TVCO
8
--------------
1
8fVCO
---------------
N
8MfREF
-------------------
==
=
coarse
C 1
–
fVCO
-------------
C 1
–
N
MfREF
----------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com