Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 85 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 85 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 81Page - Altera Corporation PLL2_C3 Datasheet HTML 82Page - Altera Corporation PLL2_C3 Datasheet HTML 83Page - Altera Corporation PLL2_C3 Datasheet HTML 84Page - Altera Corporation PLL2_C3 Datasheet HTML 85Page - Altera Corporation PLL2_C3 Datasheet HTML 86Page - Altera Corporation PLL2_C3 Datasheet HTML 87Page - Altera Corporation PLL2_C3 Datasheet HTML 88Page - Altera Corporation PLL2_C3 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–25
PLL Cascading
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 5–19 shows using GCLK while cascading PLLs.
Consider the following guidelines when cascading PLLs:
■
Set the primary PLL to low bandwidth to help filter jitter. Set the secondary PLL to
high bandwidth to be able to track the jitter from the primary PLL. You can view
the Quartus II software compilation report file to ensure the PLL bandwidth
ranges do not overlap. If the bandwidth ranges overlap, jitter peaking can occur in
the cascaded PLL scheme.
1 You can get an estimate of the PLL deterministic jitter and static phase error
(SPE) by using the TimeQuest Timing Analyzer in the Quartus II software.
Use the SDC command "derive_clock_uncertainty" to direct TimeQuest to
generate a report titled "PLLJ_PLLSPE_INFO.txt" in your project directory.
Then, use "set_clock_uncertainty" commands to add jitter and SPE values to
your clock constraints.
Figure 5–19. PLL Cascading Using GCLK
CLK[0..3]
CLK[8..11]
GCLK[0..4]
GCLK[5..9]
GCLK[15..19]
GCLK[10..14]
CLK[12..15]
CLK[4..7]
Output from PLL
Output from PLL
Input to PLL
Output from PLL
Output from PLL
Five Clock
Control Blocks
Five Clock
Control Blocks
Five Clock
Control Blocks
Five Clock
Control Blocks
PLL
1
PLL
4
PLL
2
PLL
3
5
5
5
5
Remote clock
from two Clock
pins at adjacent
edge of device
2
2
2
2
2
4
2
4
4
2
2
4
1
20
GCLK[0:19]
20
1
20
1
GCLK[0:19]
20
1
GCLK[0:19]
GCLK[0:19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com