Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 107 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 107 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 103Page - Altera Corporation PLL2_C3 Datasheet HTML 104Page - Altera Corporation PLL2_C3 Datasheet HTML 105Page - Altera Corporation PLL2_C3 Datasheet HTML 106Page - Altera Corporation PLL2_C3 Datasheet HTML 107Page - Altera Corporation PLL2_C3 Datasheet HTML 108Page - Altera Corporation PLL2_C3 Datasheet HTML 109Page - Altera Corporation PLL2_C3 Datasheet HTML 110Page - Altera Corporation PLL2_C3 Datasheet HTML 111Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 274 page
background image
Chapter 6: I/O Features in the Cyclone III Device Family
6–9
OCT Support
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 6–3 shows the top-level view of the OCT calibration blocks placement.
Each calibration block comes with a pair of RUP and RDN pins. When used for
calibration, the RUP pin is connected to VCCIO through an external 25- ±1% or
50- ±1% resistor for an on-chip series termination value of 25  or 50  ,
respectively. The RDN pin is connected to GND through an external 25- ±1% or 50-
±1% resistor for an on-chip series termination value of 25  or 50  , respectively. The
external resistors are compared with the internal resistance using comparators. The
resultant outputs of the comparators are used by the OCT calibration block to
dynamically adjust buffer impedance.
During calibration, the resistance of the RUP and RDN pins varies. For an estimate of the
maximum possible current through the external calibration resistors, assume a
minimum resistance of 0  on the RUP and RDN pins during calibration.
Figure 6–3. Cyclone III Device Family OCT Block Placement
I/O Bank 8
I/O Bank 7
I/O bank with
calibration block
I/O bank without
calibration block
Calibration block
coverage
I/O Bank 3
I/O Bank 4
Cyclone III Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com