Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 129 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 129 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 125Page - Altera Corporation PLL2_C3 Datasheet HTML 126Page - Altera Corporation PLL2_C3 Datasheet HTML 127Page - Altera Corporation PLL2_C3 Datasheet HTML 128Page - Altera Corporation PLL2_C3 Datasheet HTML 129Page - Altera Corporation PLL2_C3 Datasheet HTML 130Page - Altera Corporation PLL2_C3 Datasheet HTML 131Page - Altera Corporation PLL2_C3 Datasheet HTML 132Page - Altera Corporation PLL2_C3 Datasheet HTML 133Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–7
High-Speed I/O Standards Support
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 7–4 lists the numbers of differential channels that can be migrated in
Cyclone III LS devices.
High-Speed I/O Standards Support
This section provides information about the high-speed I/O standards supported in
the Cyclone III device family.
LVDS I/O Standard Support in the Cyclone III Device Family
The LVDS I/O standard is a high-speed, low-voltage swing, low power, and general
purpose I/O interface standard. The Cyclone III device family meets the
ANSI/TIA/EIA-644 standard with the following exceptions:
■
The maximum differential output voltage (VOD) is increased to 600 mV. The
maximum VOD for ANSI specification is 450 mV.
■
The input voltage range is reduced to the range of 1.0 V to 1.6 V, 0.5 V to 1.85 V, or
0 V to 1.8 V based on different frequency ranges. The ANSI/TIA/EIA-644
specification supports an input voltage range of 0 V to 2.4 V.
f For more information about the LVDS I/O standard electrical specifications in the
Cyclone III device family, refer to the Cyclone III Device Data Sheet and Cyclone III LS
Device Data Sheet chapters.
Table 7–4. Cyclone III LS Devices Migratable Differential Channels (1)
Package
Type
Migration between Devices
Migratable Channels
User I/O
Clock
Input
Clock
Output
Total
U484
EP3CLS70 and EP3CLS100
101
8
4
113
F484
EP3CLS70 and EP3CLS100
101
8
4
113
EP3CLS70 and EP3CLS150
71
8
4
83
EP3CLS70 and EP3CLS200
71
8
4
83
EP3CLS100 and EP3CLS150
71
8
4
83
EP3CLS100 and EP3CLS200
71
8
4
83
EP3CLS150 and EP3CLS200
75
8
4
87
F780
EP3CLS70 and EP3CLS100
169
8
4
181
EP3CLS70 and EP3CLS150
169
8
4
181
EP3CLS70 and EP3CLS200
169
8
4
181
EP3CLS100 and EP3CLS150
169
8
4
181
EP3CLS100 and EP3CLS200
169
8
4
181
EP3CLS150 and EP3CLS200
169
8
4
181
Note to Table 7–4:
(1) The migratable differential channels for Cyclone III devices are not directly migratable to Cyclone III LS devices
and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com